전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC128641-TRLGS3N 데이터시트(PDF) 4 Page - List of Unclassifed Manufacturers

부품명 LC128641-TRLGS3N
상세설명  LCD Module Specification
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

LC128641-TRLGS3N 데이터시트(HTML) 4 Page - List of Unclassifed Manufacturers

  LC128641-TRLGS3N Datasheet HTML 1Page - List of Unclassifed Manufacturers LC128641-TRLGS3N Datasheet HTML 2Page - List of Unclassifed Manufacturers LC128641-TRLGS3N Datasheet HTML 3Page - List of Unclassifed Manufacturers LC128641-TRLGS3N Datasheet HTML 4Page - List of Unclassifed Manufacturers LC128641-TRLGS3N Datasheet HTML 5Page - List of Unclassifed Manufacturers LC128641-TRLGS3N Datasheet HTML 6Page - List of Unclassifed Manufacturers LC128641-TRLGS3N Datasheet HTML 7Page - List of Unclassifed Manufacturers LC128641-TRLGS3N Datasheet HTML 8Page - List of Unclassifed Manufacturers LC128641-TRLGS3N Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LG128642-BMDWH6V
- 4 -
3. ELECTRICAL CHARACTERISTICS
3.1 DC Characteristics
(VDD=5.0V±10%, Ta=25)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Supply Voltage
(Logic)
VDD
4.5
5.0
5.5
V
Supply Voltage
(LCD Driving)
VDD-VO
--
11.2
--
V
Input High Voltage
VIH
2.0
--
VDD
V
Input Low Voltage
VIL
0
--
0.8
V
Output High Voltage
VOH
IOH=-0.2mA
2.4
--
VDD
V
Output Low Voltage
VOL
IOL=1.6mA
0
--
0.4
V
Supply Current
(Logic)
IDD
VDD=5.0V
--
6.0
8.0
mA
3.2 Interface Timing Chart
(VDD=5.0V±10%, Ta=25)
Characteristic
Symbol
Min.
Typ.
Max.
Unit
E Cycle
tC
1000
--
--
ns
E High Level Width
tWH
450
--
--
ns
E Low Level Width
tWL
450
--
--
ns
E Rise Time
tR
--
--
25
ns
E Fall Time
tF
--
--
25
ns
Address Set-Up Time
tASU
140
--
--
ns
Address Hold Time
tAH
10
--
--
ns
Data Set-Up Time
tDSU
200
--
--
ns
Data Delay Time
tD
--
--
320
ns
Data Hold Time(Write)
tDHW
10
--
--
ns
Data Hold Time(Read)
tDHR
10
--
--
ns


유사한 부품 번호 - LC128641-TRLGS3N

제조업체부품명데이터시트상세설명
logo
Sumida Corporation
LC128B SUMIDA-LC128B Datasheet
92Kb / 1P
   DC-DC CONVERTER?늁IN?
LC128B SUMIDA-LC128B_1 Datasheet
99Kb / 1P
   General Power Transformer
More results

유사한 설명 - LC128641-TRLGS3N

제조업체부품명데이터시트상세설명
logo
OPTREX CORPORATION
DMC20261NYJ-LY-BCE OPTREX-DMC20261NYJ-LY-BCE Datasheet
179Kb / 16P
   LCD Module Specification
DMC20481NY-LY-AGE OPTREX-DMC20481NY-LY-AGE Datasheet
180Kb / 16P
   LCD Module Specification
DM16207H OPTREX-DM16207H Datasheet
164Kb / 15P
   LCD Module Specification
logo
OPTEK Technologies
DMC20261NY-LY-AXE OPTEK-DMC20261NY-LY-AXE Datasheet
178Kb / 16P
   LCD Module Specification
DMC50448 OPTEK-DMC50448 Datasheet
169Kb / 15P
   LCD Module Specification
logo
OPTREX CORPORATION
DMC16205 OPTREX-DMC16205 Datasheet
165Kb / 15P
   LCD Module Specification
logo
List of Unclassifed Man...
AT043TN13 ETC2-AT043TN13 Datasheet
408Kb / 25P
   LCD MODULE SPECIFICATION
ST50AN01 ETC1-ST50AN01 Datasheet
148Kb / 8P
   LCD MODULE SPECIFICATION
GM123210SFSYB-01 ETC-GM123210SFSYB-01 Datasheet
218Kb / 20P
   LCD MODULE SPECIFICATION
GM126414FRNNB-01 ETC-GM126414FRNNB-01 Datasheet
837Kb / 23P
   LCD MODULE SPECIFICATION
logo
OPTREX CORPORATION
F-51167NCU-FW-AB OPTREX-F-51167NCU-FW-AB Datasheet
281Kb / 17P
   LCD Module Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com