전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC-44D 데이터시트(PDF) 9 Page - List of Unclassifed Manufacturers

부품명 ADC-44D
상세설명  Multi-Function Analogue Input/Output Card
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

ADC-44D 데이터시트(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ADC-44D Datasheet HTML 5Page - List of Unclassifed Manufacturers ADC-44D Datasheet HTML 6Page - List of Unclassifed Manufacturers ADC-44D Datasheet HTML 7Page - List of Unclassifed Manufacturers ADC-44D Datasheet HTML 8Page - List of Unclassifed Manufacturers ADC-44D Datasheet HTML 9Page - List of Unclassifed Manufacturers ADC-44D Datasheet HTML 10Page - List of Unclassifed Manufacturers ADC-44D Datasheet HTML 11Page - List of Unclassifed Manufacturers ADC-44D Datasheet HTML 12Page - List of Unclassifed Manufacturers ADC-44D Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
Chapter 1
Outline Description
Page 1
Blue Chip Technology Ltd.
01270170.doc
OUTLINE DESCRIPTION
The ADC-44d is a PC-compatible short card which provides digital inputs and
outputs, timers, analogue inputs and analogue outputs.
There are 24 TTL compatible programmable digital input/outputs available
externally. There are also three programmable timers. Two of the timer outputs
are available externally to the user and may be gated by external circuitry. The
third timer acts as a prescaler to the other two.
Analogue inputs may be either sixteen single-ended or eight differential signals.
The input ranges from ±50 mVolts to ±10 Volts for a full scale reading. Input
resolution is 12 bits.
There are four analogue outputs available as ±10 Volts and 0 to +20 mA
(corresponding to a voltage output range of 0 to +10 Volts) simultaneously.
Output resolution is 12 bits.
Analogue conversions (input or output) may be made under programmed I/O
control, interrupt control or DMA control. The timers may be used to control
the rate of operation if required.
DMA data transfers for both the analogue inputs and outputs may operate
simultaneously, thereby providing a constant stream of input and output data
with little program intervention.


유사한 부품 번호 - ADC-44D

제조업체부품명데이터시트상세설명
logo
Adam Technologies, Inc.
ADC-002 ADAM-TECH-ADC-002 Datasheet
214Kb / 3P
   DC POWER JACKS PC BOARD AND PANEL MOUNT
ADC-002-2 ADAM-TECH-ADC-002-2 Datasheet
214Kb / 3P
   DC POWER JACKS PC BOARD AND PANEL MOUNT
ADC-002-X ADAM-TECH-ADC-002-X Datasheet
89Kb / 1P
   DC POWER JACK
ADC-002-X-HT ADAM-TECH-ADC-002-X-HT Datasheet
99Kb / 1P
   DC POWER JACK
ADC-002-X-PC ADAM-TECH-ADC-002-X-PC Datasheet
101Kb / 1P
   DC POWER JACK
More results

유사한 설명 - ADC-44D

제조업체부품명데이터시트상세설명
logo
Festo Corporation.
4080493 FESTO-4080493 Datasheet
74Kb / 2P
   Analogue input module
logo
List of Unclassifed Man...
MS24A ETC2-MS24A Datasheet
17Kb / 1P
   Buffered Analogue Output
logo
Festo Corporation.
8086606 FESTO-8086606 Datasheet
91Kb / 2P
   Analogue input module
4080494 FESTO-4080494 Datasheet
75Kb / 2P
   Analogue output module
logo
Carlo Gavazzi Holding A...
UA18CSD08AGM1TI CARLOGAVAZZI-UA18CSD08AGM1TI Datasheet
409Kb / 4P
   Ultrasonic Diffuse, Analogue Output
UA18ESD08AGM1TI CARLOGAVAZZI-UA18ESD08AGM1TI Datasheet
440Kb / 4P
   Ultrasonic Diffuse, Analogue Output
logo
SELEC Controls Pvt. Ltd
XC200NX SELEC-XC200NX Datasheet
150Kb / 1P
   Multi Function, Quadrature Input 2 Setpoints
logo
Carlo Gavazzi Holding A...
UA30CAD35NGM1TI CARLOGAVAZZI-UA30CAD35NGM1TI Datasheet
344Kb / 4P
   Ultrasonic Diffuse, Analogue and Digital Output
UA18EAD04NGM1TI CARLOGAVAZZI-UA18EAD04NGM1TI Datasheet
535Kb / 4P
   Ultrasonic Diffuse, Analogue and Digital Output
logo
List of Unclassifed Man...
BL1R ETC2-BL1R Datasheet
611Kb / 3P
   Multi-function or mono-function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com