전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL5001CP-P 데이터시트(PDF) 5 Page - Texas Instruments

부품명 TL5001CP-P
상세설명  PULSE-WIDTH-MODULATION CONTROL CIRCUITS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TL5001CP-P 데이터시트(HTML) 5 Page - Texas Instruments

  TL5001CP-P Datasheet HTML 1Page - Texas Instruments TL5001CP-P Datasheet HTML 2Page - Texas Instruments TL5001CP-P Datasheet HTML 3Page - Texas Instruments TL5001CP-P Datasheet HTML 4Page - Texas Instruments TL5001CP-P Datasheet HTML 5Page - Texas Instruments TL5001CP-P Datasheet HTML 6Page - Texas Instruments TL5001CP-P Datasheet HTML 7Page - Texas Instruments TL5001CP-P Datasheet HTML 8Page - Texas Instruments TL5001CP-P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
TL5001, TL5001A
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
SLVS084F – APRIL 1994 – REVISED JANUARY 2002
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
short-circuit protection (SCP) (continued)
Q1
12 k
185 k
RSCP
Q2
SCP
Comparator 2
Vref = 1 V
SCP
Comparator 1
1.5 V
From Error
Amp
CSCP
To Output
Drive Logic
SCP
5
2.5 V
Figure 3. SCP Circuit
The timer operates by charging an external capacitor (CSCP), connected between the SCP terminal and ground,
towards 2.5 V through a 185-k
Ω resistor (RSCP). The circuit begins charging from an initial voltage of approximately
185 mV and times out when the capacitor voltage reaches 1 V. The output of SCP comparator 2 then goes high,
turns on Q2, and latches the timer circuit. The expression for setting the SCP time period is derived from the following
equation:
V
SCP +
(2.5
* 0.185) 1 * e–t t ) 0.185
Where
τ = RSCPCSCP
The end of the time-out period, tSCP, occurs when VSCP = 1 V. Solving for CSCP yields:
C
SCP + 12.46
t
SCP
Where
t is in seconds, C in
µF.
tSCP must be much longer (generally 10 to 15 times) than the converter start-up period or the converter will not start.
output transistor
The output of the TL5001/A is an open-collector transistor with a maximum collector current rating of 21 mA and
a voltage rating of 51 V. The output is turned on under the following conditions: the oscillator triangle wave is lower
than both the DTC voltage and the error-amplifier output voltage, the UVLO circuit is inactive, and the short-circuit
protection circuit is inactive.


유사한 부품 번호 - TL5001CP-P

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL5001CP TI-TL5001CP Datasheet
348Kb / 23P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001CP TI1-TL5001CP Datasheet
1Mb / 32P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001CPE4 TI1-TL5001CPE4 Datasheet
1Mb / 32P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001CPS TI1-TL5001CPS Datasheet
1Mb / 32P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001CPSLE TI1-TL5001CPSLE Datasheet
1Mb / 32P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

유사한 설명 - TL5001CP-P

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL494 TI-TL494_10 Datasheet
616Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ7500E BCDSEMI-AZ7500E Datasheet
327Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL494 TI-TL494_07 Datasheet
590Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494A,C BCDSEMI-AZ494A,C_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500B BCDSEMI-AZ7500B_10 Datasheet
799Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500E BCDSEMI-AZ7500E_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ494A BCDSEMI-AZ494A Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL594I TI-TL594I Datasheet
504Kb / 9P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001 Datasheet
348Kb / 23P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494B BCDSEMI-AZ494B Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com