전자부품 데이터시트 검색엔진 |
|
M27C1001-70XN1TR 데이터시트(PDF) 10 Page - STMicroelectronics |
|
M27C1001-70XN1TR 데이터시트(HTML) 10 Page - STMicroelectronics |
10 / 17 page M27C1001 10/17 Table 11. Ordering Information Scheme Note: 1. High Speed, see AC Characteristics section for further information. For a list of available options (Speed, Package, etc...) or for further information on any aspect of this de- vice, please contact the STMicroelectronics Sales Office nearest to you. Example: M27C1001 -35 X C 1 TR Device Type M27 Supply Voltage C = 5V Device Function 1001 = 1 Mbit (128Kb x8) Speed -35 (1) = 35 ns -45 = 45 ns -60 = 60 ns -70 = 70 ns -80 = 80 ns -90 = 90 ns -10 = 100 ns -12 = 120 ns -15 = 150 ns -20 = 200 ns -25 = 250 ns VCC Tolerance blank = ± 10% X = ± 5% Package F = FDIP32W B = PDIP32 L = LCCC32W C = PLCC32 N = TSOP32: 8 x 20 mm Temperature Range 1 = 0 to 70 °C 3 = –40 to 125 °C 6 = –40 to 85 °C Options X = Additional Burn-in TR = Tape & Reel Packing |
유사한 부품 번호 - M27C1001-70XN1TR |
|
유사한 설명 - M27C1001-70XN1TR |