전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N483BUR 데이터시트(PDF) 1 Page - Microsemi Corporation

부품명 1N483BUR
상세설명  SWITCHING DIODE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N483BUR 데이터시트(HTML) 1 Page - Microsemi Corporation

  1N483BUR Datasheet HTML 1Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESIGN DATA
Case: Hermetically sealed glass package
Lead Material: Copper clad steel
Lead Finish: Tin/Lead
Marking: Blue body coat
Polarity: Cathode end is banded.
MAXIMUM RATINGS AT 25
°C
Operating Temperature:
-65
°C to +175°C
Storage Temperature:
-65
°C to +175°C
Surge Current, sine, 8.3mS:
2A
Total Power Dissipation, 25
°C:
500mW
Power Derating Factor, 25
°C:
3mW/
°C
Max. Operating Current, 25
°C:
200mA
Derating Factor:
1.2mA/
°C above T
A= +25°C
Max. Operating Current, 150
°C:
50mA
Derating Factor:
1.0mA/
°C above T
A= +150°C
D.C. Reverse Voltage (VRWM):
225V
FEATURES
• 1N483BUR
• SWITCHING DIODE
• METALLURGICALLY BONDED
• HERMETICALLY SEALED
• DOUBLE PLUG CONSTRUCTION
• ALSO AVAILABLE AS LL483B, CDLL483B
IRELAND - GORT ROAD
, ENNIS, CO. CLARE
PHONE:
+353 65 6840044
TOLL FREE:
+186 62 702434
FAX:
+353 65 6822298
U.S.A. DOMESTIC SALES CONTACT
PHONE:
(617) 926 0404
TOLL FREE:
1 800 666 2999
DC ELECTRICAL CHARACTERISTICS
VF
IR
Ambient
(
°C)
IF
mA
Min
V
Max
V
Ambient
(
°C)
V (dc)
Min
µA
Max
µA
25
100
0.8
1.0
25
225
-
0.025
25
250
-
100
WWW.MICROSEMI.COM
1N483BUR


유사한 부품 번호 - 1N483BUR

제조업체부품명데이터시트상세설명
logo
Compensated Deuices Inc...
1N483B CDI-DIODE-1N483B Datasheet
68Kb / 2P
   GENERAL PURPOSE SILICON DIODES
logo
Microsemi Corporation
1N483B MICROSEMI-1N483B Datasheet
57Kb / 1P
   High Conductance DO-35 Diodes
1N483B MICROSEMI-1N483B Datasheet
45Kb / 2P
   GENERAL PURPOSE SILICON DIODES
1N483B MICROSEMI-1N483B Datasheet
67Kb / 1P
   High Conductance DO-35 Diodes
logo
List of Unclassifed Man...
1N483B ETC1-1N483B Datasheet
266Kb / 6P
   silicon diode
More results

유사한 설명 - 1N483BUR

제조업체부품명데이터시트상세설명
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com