전자부품 데이터시트 검색엔진 |
|
M27C1001-60XF3TR 데이터시트(PDF) 1 Page - STMicroelectronics |
|
M27C1001-60XF3TR 데이터시트(HTML) 1 Page - STMicroelectronics |
1 / 17 page 1/17 June 2002 M27C1001 1 Mbit (128Kb x8) UV EPROM and OTP EPROM s 5V ± 10% SUPPLY VOLTAGE in READ OPERATION s ACCESS TIME: 35ns s LOW POWER CONSUMPTION: – Active Current 30mA at 5Mhz – Standby Current 100µA s PROGRAMMING VOLTAGE: 12.75V ± 0.25V s PROGRAMMING TIME: 100µs/word s ELECTRONIC SIGNATURE – Manufacturer Code: 20h – Device Code: 05h DESCRIPTION The M27C1001 is a 1 Mbit EPROM offered in the two ranges UV (ultra violet erase) and OTP (one time programmable). It is ideally suited for micro- processor systems requiring large programs and is organized as 131,072 words of 8 bits. The FDIP32W (window ceramic frit-seal package) and the LCCC32W (leadless chip carrier package) have a transparent lids which allow the user to ex- pose the chip to ultraviolet light to erase the bit pat- tern. A new pattern can then be written to the device by following the programming procedure. For applications where the content is programmed only one time and erasure is not required, the M27C1001 is offered in PDIP32, PLCC32 and TSOP32 (8 x 20 mm) packages. Figure 1. Logic Diagram AI00710B 17 A0-A16 P Q0-Q7 VPP VCC M27C1001 G E VSS 8 1 32 32 1 FDIP32W (F) PDIP32 (B) PLCC32 (C) TSOP32 (N) 8 x 20 mm LCCC32W (L) |
유사한 부품 번호 - M27C1001-60XF3TR |
|
유사한 설명 - M27C1001-60XF3TR |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |