전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC34063A 데이터시트(PDF) 14 Page - STMicroelectronics

부품명 MC34063A
상세설명  DC-DC CONVERTER CONTROL CIRCUITS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MC34063A 데이터시트(HTML) 14 Page - STMicroelectronics

Back Button MC34063A Datasheet HTML 7Page - STMicroelectronics MC34063A Datasheet HTML 8Page - STMicroelectronics MC34063A Datasheet HTML 9Page - STMicroelectronics MC34063A Datasheet HTML 10Page - STMicroelectronics MC34063A Datasheet HTML 11Page - STMicroelectronics MC34063A Datasheet HTML 12Page - STMicroelectronics MC34063A Datasheet HTML 13Page - STMicroelectronics MC34063A Datasheet HTML 14Page - STMicroelectronics MC34063A Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.75
0.068
a1
0.1
0.25
0.003
0.009
a2
1.65
0.064
a3
0.65
0.85
0.025
0.033
b
0.35
0.48
0.013
0.018
b1
0.19
0.25
0.007
0.010
C
0.25
0.5
0.010
0.019
c1
45 (typ.)
D
4.8
5.0
0.188
0.196
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
3.81
0.150
F
3.8
4.0
0.14
0.157
L
0.4
1.27
0.015
0.050
M
0.6
0.023
S
8 (max.)
0016023
SO-8 MECHANICAL DATA
MC34063A
14/15


유사한 부품 번호 - MC34063A

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC34063A ONSEMI-MC34063A Datasheet
200Kb / 12P
   DC-to-DC CONVERTER CONTROL CIRCUITS
1996 REV 5
logo
Analog Intergrations Co...
MC34063A AIC-MC34063A Datasheet
188Kb / 10P
   Industrial Standard, Universal DC/DC Converter
logo
ON Semiconductor
MC34063A ONSEMI-MC34063A Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
logo
Fairchild Semiconductor
MC34063A FAIRCHILD-MC34063A Datasheet
46Kb / 8P
   SMPS Controller
logo
ON Semiconductor
MC34063A ONSEMI-MC34063A Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
More results

유사한 설명 - MC34063A

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
MC34063A ETC1-MC34063A Datasheet
124Kb / 10P
   DC-DC Converter Control Circuits
logo
STMicroelectronics
MC34063AB STMICROELECTRONICS-MC34063AB Datasheet
993Kb / 23P
   DC/DC converter control circuits
logo
HTC Korea TAEJIN Techno...
MC34063A HTC-MC34063A Datasheet
178Kb / 11P
   DC-DC Converter Control Circuits
logo
Leshan Radio Company
LR34063 LRC-LR34063 Datasheet
244Kb / 12P
   DC-DC Converter Control Circuits
logo
STMicroelectronics
MC34063 STMICROELECTRONICS-MC34063 Datasheet
1Mb / 15P
   DC-DC CONVERTER CONTROL CIRCUITS
March 2001
logo
List of Unclassifed Man...
AMC34063 ETC-AMC34063 Datasheet
275Kb / 9P
   DC-DC CONVERTER CONTROL CIRCUITS
logo
Shenzhen Huazhimei Semi...
HM3135 HMSEMI-HM3135 Datasheet
673Kb / 10P
   DC-DC CONVERTER CONTROL CIRCUITS
HM3134 HMSEMI-HM3134 Datasheet
1Mb / 13P
   DC-DC CONVERTER CONTROL CIRCUITS
logo
HTC Korea TAEJIN Techno...
MC34063AB HTC-MC34063AB Datasheet
435Kb / 12P
   DC-DC Converter Control Circuits
logo
ADDtek Corp
AMC34063A ADDTEK-AMC34063A Datasheet
205Kb / 9P
   DC-DC CONVERTER CONTROL CIRCUITS
JUNE 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com