전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SA08-21YWA 데이터시트(PDF) 4 Page - Kingbright Corporation

부품명 SA08-21YWA
상세설명  20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KINGBRIGHT [Kingbright Corporation]
홈페이지  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

SA08-21YWA 데이터시트(HTML) 4 Page - Kingbright Corporation

  SA08-21YWA Datasheet HTML 1Page - Kingbright Corporation SA08-21YWA Datasheet HTML 2Page - Kingbright Corporation SA08-21YWA Datasheet HTML 3Page - Kingbright Corporation SA08-21YWA Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SPEC NO: DSAB4279
REV NO: V.9
DATE: MAY/16/2007
PAGE: 4 OF 4
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP: 1301000147
PACKING & LABEL SPECIFICATIONS
SA08-21YWA


유사한 부품 번호 - SA08-21YWA

제조업체부품명데이터시트상세설명
logo
Kingbright Corporation
SA08-21EWA KINGBRIGHT-SA08-21EWA Datasheet
185Kb / 4P
   20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
SA08-21GWA KINGBRIGHT-SA08-21GWA Datasheet
181Kb / 4P
   60.8mm (2.4 INCH) 5x8 DOT MATRIX DISPLAY
SA08-21SRWA KINGBRIGHT-SA08-21SRWA Datasheet
182Kb / 4P
   20.32mm (0.8INCH) SINGLE DIGIT
More results

유사한 설명 - SA08-21YWA

제조업체부품명데이터시트상세설명
logo
Kingbright Corporation
SC08-11CGKWA KINGBRIGHT-SC08-11CGKWA Datasheet
348Kb / 6P
   20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
SC08-13YWA KINGBRIGHT-SC08-13YWA Datasheet
78Kb / 3P
   20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
SC08-13GWA KINGBRIGHT-SC08-13GWA Datasheet
78Kb / 3P
   20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
SC08-12SRWA KINGBRIGHT-SC08-12SRWA Datasheet
189Kb / 4P
   20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
SA08-21EWA KINGBRIGHT-SA08-21EWA Datasheet
185Kb / 4P
   20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
SA08-12SRWA KINGBRIGHT-SA08-12SRWA Datasheet
187Kb / 4P
   20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
SA08-11YWA KINGBRIGHT-SA08-11YWA Datasheet
187Kb / 4P
   20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
SC08-11GWA KINGBRIGHT-SC08-11GWA Datasheet
110Kb / 4P
   20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
SC08-21EWA KINGBRIGHT-SC08-21EWA Datasheet
68Kb / 3P
   20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
SA08-13SRWA KINGBRIGHT-SA08-13SRWA Datasheet
129Kb / 4P
   20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
SC08-21EWA KINGBRIGHT-SC08-21EWA_07 Datasheet
184Kb / 4P
   20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com