전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SA10-21YWA 데이터시트(PDF) 4 Page - Kingbright Corporation

부품명 SA10-21YWA
상세설명  25.4mm (1.0 INCH) SINGLE DIGIT NUMERIC DISPLAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KINGBRIGHT [Kingbright Corporation]
홈페이지  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

SA10-21YWA 데이터시트(HTML) 4 Page - Kingbright Corporation

  SA10-21YWA Datasheet HTML 1Page - Kingbright Corporation SA10-21YWA Datasheet HTML 2Page - Kingbright Corporation SA10-21YWA Datasheet HTML 3Page - Kingbright Corporation SA10-21YWA Datasheet HTML 4Page - Kingbright Corporation SA10-21YWA Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SPEC NO: DSAD2301
REV NO: V.9
DATE: MAY/24/2007
PAGE: 4 OF 5
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP: 1301000176


유사한 부품 번호 - SA10-21YWA

제조업체부품명데이터시트상세설명
logo
Kingbright Corporation
SA10-21YWA KINGBRIGHT-SA10-21YWA Datasheet
162Kb / 3P
   Standard-Displays
More results

유사한 설명 - SA10-21YWA

제조업체부품명데이터시트상세설명
logo
Kingbright Corporation
SC10-21YWA KINGBRIGHT-SC10-21YWA Datasheet
216Kb / 5P
   25.4mm (1.0 INCH) SINGLE DIGIT NUMERIC DISPLAY
SA10-21SRWA KINGBRIGHT-SA10-21SRWA Datasheet
120Kb / 4P
   25.4mm (1.0 INCH) SINGLE DIGIT NUMERIC DISPLAY
SA10-21GWA KINGBRIGHT-SA10-21GWA Datasheet
214Kb / 5P
   25.4mm (1.0 INCH) SINGLE DIGIT NUMERIC DISPLAY
SC10-21SRWA KINGBRIGHT-SC10-21SRWA Datasheet
122Kb / 4P
   25.4mm (1.0 INCH) SINGLE DIGIT NUMERIC DISPLAY
SC10-21EWA KINGBRIGHT-SC10-21EWA Datasheet
216Kb / 5P
   25.4mm (1.0 INCH) SINGLE DIGIT NUMERIC DISPLAY
SC10-21GWA KINGBRIGHT-SC10-21GWA Datasheet
215Kb / 5P
   25.4mm (1.0 INCH) SINGLE DIGIT NUMERIC DISPLAY
SA10-21EWA KINGBRIGHT-SA10-21EWA Datasheet
216Kb / 5P
   25.4mm (1.0 INCH) SINGLE DIGIT NUMERIC DISPLAY
logo
SunLED Corporation
DMR25C SUNLED-DMR25C Datasheet
204Kb / 5P
   25.4mm (1.0 ) SINGLE DIGIT NUMERIC DISPLAY
DUR25C SUNLED-DUR25C Datasheet
204Kb / 5P
   25.4mm (1.0 ") SINGLE DIGIT NUMERIC DISPLAY
DUG25C SUNLED-DUG25C Datasheet
203Kb / 5P
   25.4mm (1.0 ) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com