전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC15-11SRWA 데이터시트(PDF) 2 Page - Kingbright Corporation

부품명 TC15-11SRWA
상세설명  38mm (1.5 INCH) 8x8 DOT MATRIX DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KINGBRIGHT [Kingbright Corporation]
홈페이지  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

TC15-11SRWA 데이터시트(HTML) 2 Page - Kingbright Corporation

  TC15-11SRWA Datasheet HTML 1Page - Kingbright Corporation TC15-11SRWA Datasheet HTML 2Page - Kingbright Corporation TC15-11SRWA Datasheet HTML 3Page - Kingbright Corporation TC15-11SRWA Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPEC NO: DSAD2448
REV NO: V.8
DATE: MAY/24/2007
PAGE: 2 OF 4
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP: 1332000540
Selection Guide
Note:
1. Luminous intensity/ luminous Flux: +/-15%.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Notes:
1.Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 2mm below package base.
Part No.
Dice
Lens Type
Iv (ucd) [1]
@ 10mA
Min.
Typ.
TC15-11SRWA
Super Bright Red (GaAlAs)
WHITE DIFFUSED
12000
45500
Column Cathode
Description
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
Super Bright Red
660
nm
IF=20mA
λD [1]
Dominant Wavelength
Super Bright Red
640
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Super Bright Red
20
nm
IF=20mA
C
Capacitance
Super Bright Red
45
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Super Bright Red
1.85
2.5
V
IF=20mA
IR
Reverse Current
Super Bright Red
10
uA
VR=5V
Parameter
Super Bright Red
Units
Power dissipation
75
mW
DC Forward Current
30
mA
Peak Forward Current [1]
155
mA
Reverse Voltage
5
V
Operating / Storage Temperature
-40°C To +85°C
Lead Solder Temperature[2]
260°C For 3-5 Seconds


유사한 부품 번호 - TC15-11SRWA

제조업체부품명데이터시트상세설명
logo
Kingbright Corporation
TC15-11EWA KINGBRIGHT-TC15-11EWA Datasheet
216Kb / 4P
   38mm (1.5 INCH) 8x8 DOT MATRIX DISPLAY
TC15-11GWA KINGBRIGHT-TC15-11GWA Datasheet
214Kb / 4P
   38mm (1.5 INCH) 8x8 DOT MATRIX DISPLAY
TC15-11YWA KINGBRIGHT-TC15-11YWA Datasheet
214Kb / 4P
   38mm (1.5 INCH) 8x8 DOT MATRIX DISPLAY
More results

유사한 설명 - TC15-11SRWA

제조업체부품명데이터시트상세설명
logo
Kingbright Corporation
TBC15-11EGWA KINGBRIGHT-TBC15-11EGWA Datasheet
258Kb / 5P
   38mm (1.5 INCH) 8x8 DOT MATRIX DISPLAY
TC15-11YWA KINGBRIGHT-TC15-11YWA Datasheet
214Kb / 4P
   38mm (1.5 INCH) 8x8 DOT MATRIX DISPLAY
TA15-11GWA KINGBRIGHT-TA15-11GWA Datasheet
154Kb / 4P
   38mm (1.5 INCH) 8x8 DOT MATRIX DISPLAY
TBA15-11EGWA KINGBRIGHT-TBA15-11EGWA Datasheet
177Kb / 5P
   38mm (1.5 INCH) 8x8 DOT MATRIX DISPLAY
TC15-11EWA KINGBRIGHT-TC15-11EWA Datasheet
216Kb / 4P
   38mm (1.5 INCH) 8x8 DOT MATRIX DISPLAY
TA15-11SRWA KINGBRIGHT-TA15-11SRWA Datasheet
152Kb / 4P
   38mm (1.5 INCH) 8x8 DOT MATRIX DISPLAY
TC15-11GWA KINGBRIGHT-TC15-11GWA Datasheet
214Kb / 4P
   38mm (1.5 INCH) 8x8 DOT MATRIX DISPLAY
TA15-11YWA KINGBRIGHT-TA15-11YWA Datasheet
154Kb / 4P
   38mm (1.5 INCH) 8x8 DOT MATRIX DISPLAY
TA15-11EWA KINGBRIGHT-TA15-11EWA Datasheet
112Kb / 4P
   38mm (1.5 INCH) 8x8 DOT MATRIX DISPLAY
logo
China Semiconductor Cor...
CSM-88137G CHINASEMI-CSM-88137G Datasheet
217Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com