전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC23-11YWA 데이터시트(PDF) 1 Page - Kingbright Corporation

부품명 TC23-11YWA
상세설명  58mm (2.3 INCH) 8x8 DOT MATRIX DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KINGBRIGHT [Kingbright Corporation]
홈페이지  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

TC23-11YWA 데이터시트(HTML) 1 Page - Kingbright Corporation

  TC23-11YWA Datasheet HTML 1Page - Kingbright Corporation TC23-11YWA Datasheet HTML 2Page - Kingbright Corporation TC23-11YWA Datasheet HTML 3Page - Kingbright Corporation TC23-11YWA Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPEC NO: DSAD2464
REV NO: V.8
DATE: MAY/24/2007
PAGE: 1 OF 4
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP: 1332000634
58mm (2.3 INCH) 8x8 DOT MATRIX DISPLAY
Part Number: TC23-11YWA
Yellow
Features
2.3 INCH MATRIX HEIGHT.
DOT SIZE 5mm.
LOW CURRENT OPERATION.
HIGH CONTRAST AND LIGHT OUTPUT.
COMPATIBLE WITH ASCII AND EBCDIC CODES.
STACKABLE HORIZONTALLY.
COLUMN CATHODE AND COLUMN ANODE AVAILABLE.
EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
MULTICOLOR AVAILABLE.
MECHANICALLY RUGGED.
STANDARD : GRAY FACE, WHITE DOT.
RoHS COMPLIANT.
Description
The Yellow source color devices are made with Gallium
Arsenide Phosphide on Gallium Phosphide Yellow Light
Emitting Diode.
Package Dimensions& Internal Circuit Diagram
Notes:
1. All dimensions are in millimeters (inches), Tolerance is ±0.25(0.01")unless otherwise noted.
2. Specifications are subject to change without notice.


유사한 부품 번호 - TC23-11YWA

제조업체부품명데이터시트상세설명
logo
Kingbright Corporation
TC23-11YWA KINGBRIGHT-TC23-11YWA Datasheet
225Kb / 6P
   58mm (2.3INCH) 8x8 DOT MATRIX DISPLAY
More results

유사한 설명 - TC23-11YWA

제조업체부품명데이터시트상세설명
logo
Kingbright Corporation
TC23-11GWA KINGBRIGHT-TC23-11GWA Datasheet
153Kb / 4P
   58mm (2.3 INCH) 8x8 DOT MATRIX DISPLAY
TBC23-11EGWA KINGBRIGHT-TBC23-11EGWA Datasheet
180Kb / 5P
   58mm (2.3 INCH) 8x8 DOT MATRIX DISPLAY
TA23-11YWA KINGBRIGHT-TA23-11YWA Datasheet
152Kb / 4P
   58mm (2.3 INCH) 8x8 DOT MATRIX DISPLAY
TA23-11GWA KINGBRIGHT-TA23-11GWA Datasheet
152Kb / 4P
   58mm (2.3 INCH) 8x8 DOT MATRIX DISPLAY
TC23-11EWA KINGBRIGHT-TC23-11EWA Datasheet
153Kb / 4P
   58mm (2.3 INCH) 8x8 DOT MATRIX DISPLAY
TBA23-12EGWA KINGBRIGHT-TBA23-12EGWA Datasheet
176Kb / 5P
   58mm (2.3 INCH) 8x8 DOT MATRIX DISPLAY
TC23-11SRWA KINGBRIGHT-TC23-11SRWA Datasheet
151Kb / 4P
   58mm (2.3 INCH) 8x8 DOT MATRIX DISPLAY
TA23-11SRWA KINGBRIGHT-TA23-11SRWA Datasheet
151Kb / 4P
   58mm (2.3 INCH) 8x8 DOT MATRIX DISPLAY
TBA23-11EGWA KINGBRIGHT-TBA23-11EGWA Datasheet
180Kb / 5P
   58mm (2.3 INCH) 8x8 DOT MATRIX DISPLAY
TBC23-12EGWA KINGBRIGHT-TBC23-12EGWA Datasheet
176Kb / 5P
   58mm (2.3 INCH) 8x8 DOT MATRIX DISPLAY
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com