전자부품 데이터시트 검색엔진 |
|
M27C1001-45XC3TR 데이터시트(PDF) 3 Page - STMicroelectronics |
|
M27C1001-45XC3TR 데이터시트(HTML) 3 Page - STMicroelectronics |
3 / 17 page 3/17 M27C1001 Table 2. Absolute Maximum Ratings (1) Note: 1. Except for the rating "Operating Temperature Range", stresses above those listed in the Table "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other conditions above those indicated in the Operating sections of this specification is not implied. Exposure to Absolute Maximum Rating condi- tions for extended periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and other relevant qual- ity documents. 2. Minimum DC voltage on Input or Output is –0.5V with possible undershoot to –2.0V for a period less than 20ns. Maximum DC voltage on Output is VCC +0.5V with possible overshoot to VCC +2V for a period less than 20ns. 3. Depends on range. Table 3. Operating Modes Note: X = VIH or VIL, VID = 12V ± 0.5V. Table 4. Electronic Signature Symbol Parameter Value Unit TA Ambient Operating Temperature (3) –40 to 125 °C TBIAS Temperature Under Bias –50 to 125 °C TSTG Storage Temperature –65 to 150 °C VIO (2) Input or Output Voltage (except A9) –2 to 7 V VCC Supply Voltage –2 to 7 V VA9 (2) A9 Voltage –2 to 13.5 V VPP Program Supply Voltage –2 to 14 V Mode E G P A9 VPP Q7-Q0 Read VIL VIL XX VCC or VSS Data Out Output Disable VIL VIH XX VCC or VSS Hi-Z Program VIL VIH VIL Pulse X VPP Data In Verify VIL VIL VIH X VPP Data Out Program Inhibit VIH XX X VPP Hi-Z Standby VIH XX X VCC or VSS Hi-Z Electronic Signature VIL VIL VIH VID VCC Codes Identifier A0 Q7 Q6 Q5 Q4 Q3 Q2 Q1 Q0 Hex Data Manufacturer’s Code VIL 00100000 20h Device Code VIH 00000101 05h |
유사한 부품 번호 - M27C1001-45XC3TR |
|
유사한 설명 - M27C1001-45XC3TR |