전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M27C1001-45F6TR 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 M27C1001-45F6TR
상세설명  1 Mbit 128Kb x8 UV EPROM and OTP EPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C1001-45F6TR 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button M27C1001-45F6TR Datasheet HTML 4Page - STMicroelectronics M27C1001-45F6TR Datasheet HTML 5Page - STMicroelectronics M27C1001-45F6TR Datasheet HTML 6Page - STMicroelectronics M27C1001-45F6TR Datasheet HTML 7Page - STMicroelectronics M27C1001-45F6TR Datasheet HTML 8Page - STMicroelectronics M27C1001-45F6TR Datasheet HTML 9Page - STMicroelectronics M27C1001-45F6TR Datasheet HTML 10Page - STMicroelectronics M27C1001-45F6TR Datasheet HTML 11Page - STMicroelectronics M27C1001-45F6TR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
M27C1001
8/17
PRESTO II Programming Algorithm
PRESTO II Programming Algorithm allows the
whole array to be programmed, with a guaranteed
margin, in a typical time of 13 seconds. Program-
ming with PRESTO II involves in applying a se-
quence of 100µs program pulses to each byte until
a correct verify occurs (see Figure 7). During pro-
gramming and verify operation, a MARGIN MODE
circuit is automatically activated in order to guar-
antee that each cell is programmed with enough
margin. No overprogram pulse is applied since the
verify in MARGIN MODE provides necessary mar-
gin to each programmed cell.
Program Inhibit
Programming of multiple M27C1001s in parallel
with different data is also easily accomplished. Ex-
cept for E, all like inputs including G of the parallel
M27C1001 may be common. A TTL low level
pulse applied to a M27C1001's P input, with E low
and VPP at 12.75V, will program that M27C1001.
A high level E input inhibits the other M27C1001s
from being programmed.
Program Verify
A verify (read) should be performed on the pro-
grammed bits to determine that they were correct-
ly programmed. The verify is accomplished with E
and G at VIL, P at VIH, VPP at 12.75V and VCC at
6.25V.
Figure 6. Programming and Verify Modes AC Waveforms
tAVPL
VALID
AI00714
A0-A16
Q0-Q7
VPP
VCC
P
G
DATA IN
DATA OUT
E
tQVPL
tVPHPL
tVCHPL
tPHQX
tPLPH
tGLQV
tQXGL
tELPL
tGHQZ
tGHAX
PROGRAM
VERIFY
Figure 7. Programming Flowchart
AI00715C
n = 0
Last
Addr
VERIFY
P = 100
µs Pulse
++n
= 25
++ Addr
VCC = 6.25V, VPP = 12.75V
FAIL
CHECK ALL BYTES
1st: VCC = 6V
2nd: VCC = 4.2V
YES
NO
YES
NO
YES
NO


유사한 부품 번호 - M27C1001-45F6TR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M27C1001-45FTR STMICROELECTRONICS-M27C1001-45FTR Datasheet
218Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
More results

유사한 설명 - M27C1001-45F6TR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M27W101 STMICROELECTRONICS-M27W101_06 Datasheet
211Kb / 23P
   1 Mbit (128Kb x8) Low Voltage UV EPROM and OTP EPROM
M27W101 STMICROELECTRONICS-M27W101 Datasheet
103Kb / 15P
   1 Mbit 128Kb x8 Low Voltage UV EPROM and OTP EPROM
M27C202 STMICROELECTRONICS-M27C202 Datasheet
174Kb / 15P
   2 Mbit (128Kb x16) UV EPROM and OTP EPROM
M27V101 STMICROELECTRONICS-M27V101 Datasheet
104Kb / 15P
   1 Mbit (128Kb x 8) Low Voltage UV EPROM and OTP EPROM
May 1998
M27W202 STMICROELECTRONICS-M27W202 Datasheet
103Kb / 15P
   2 Mbit 128Kb x16 Low Voltage UV EPROM and OTP EPROM
M27W801 STMICROELECTRONICS-M27W801_06 Datasheet
202Kb / 24P
   8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
M27V801 STMICROELECTRONICS-M27V801 Datasheet
108Kb / 16P
   8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
M27W801 STMICROELECTRONICS-M27W801 Datasheet
108Kb / 16P
   8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
M27C1024 STMICROELECTRONICS-M27C1024 Datasheet
106Kb / 15P
   1 Mbit (64Kb x16) UV EPROM and OTP EPROM
M27V401 STMICROELECTRONICS-M27V401 Datasheet
103Kb / 15P
   4 Mbit (512Kb x8) Low Voltage UV EPROM and OTP EPROM
May 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com