전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M27C1001-45F6TR 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 M27C1001-45F6TR
상세설명  1 Mbit 128Kb x8 UV EPROM and OTP EPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C1001-45F6TR 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button M27C1001-45F6TR Datasheet HTML 6Page - STMicroelectronics M27C1001-45F6TR Datasheet HTML 7Page - STMicroelectronics M27C1001-45F6TR Datasheet HTML 8Page - STMicroelectronics M27C1001-45F6TR Datasheet HTML 9Page - STMicroelectronics M27C1001-45F6TR Datasheet HTML 10Page - STMicroelectronics M27C1001-45F6TR Datasheet HTML 11Page - STMicroelectronics M27C1001-45F6TR Datasheet HTML 12Page - STMicroelectronics M27C1001-45F6TR Datasheet HTML 13Page - STMicroelectronics M27C1001-45F6TR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
M27C1001
10/17
Table 11. Ordering Information Scheme
Note: 1. High Speed, see AC Characteristics section for further information.
For a list of available options (Speed, Package, etc...) or for further information on any aspect of this de-
vice, please contact the STMicroelectronics Sales Office nearest to you.
Example:
M27C1001
-35
X
C
1
TR
Device Type
M27
Supply Voltage
C = 5V
Device Function
1001 = 1 Mbit (128Kb x8)
Speed
-35 (1) = 35 ns
-45 = 45 ns
-60 = 60 ns
-70 = 70 ns
-80 = 80 ns
-90 = 90 ns
-10 = 100 ns
-12 = 120 ns
-15 = 150 ns
-20 = 200 ns
-25 = 250 ns
VCC Tolerance
blank = ± 10%
X = ± 5%
Package
F = FDIP32W
B = PDIP32
L = LCCC32W
C = PLCC32
N = TSOP32: 8 x 20 mm
Temperature Range
1 = 0 to 70 °C
3 = –40 to 125 °C
6 = –40 to 85 °C
Options
X = Additional Burn-in
TR = Tape & Reel Packing


유사한 부품 번호 - M27C1001-45F6TR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M27C1001-45FTR STMICROELECTRONICS-M27C1001-45FTR Datasheet
218Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
More results

유사한 설명 - M27C1001-45F6TR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M27W101 STMICROELECTRONICS-M27W101_06 Datasheet
211Kb / 23P
   1 Mbit (128Kb x8) Low Voltage UV EPROM and OTP EPROM
M27W101 STMICROELECTRONICS-M27W101 Datasheet
103Kb / 15P
   1 Mbit 128Kb x8 Low Voltage UV EPROM and OTP EPROM
M27C202 STMICROELECTRONICS-M27C202 Datasheet
174Kb / 15P
   2 Mbit (128Kb x16) UV EPROM and OTP EPROM
M27V101 STMICROELECTRONICS-M27V101 Datasheet
104Kb / 15P
   1 Mbit (128Kb x 8) Low Voltage UV EPROM and OTP EPROM
May 1998
M27W202 STMICROELECTRONICS-M27W202 Datasheet
103Kb / 15P
   2 Mbit 128Kb x16 Low Voltage UV EPROM and OTP EPROM
M27W801 STMICROELECTRONICS-M27W801_06 Datasheet
202Kb / 24P
   8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
M27V801 STMICROELECTRONICS-M27V801 Datasheet
108Kb / 16P
   8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
M27W801 STMICROELECTRONICS-M27W801 Datasheet
108Kb / 16P
   8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
M27C1024 STMICROELECTRONICS-M27C1024 Datasheet
106Kb / 15P
   1 Mbit (64Kb x16) UV EPROM and OTP EPROM
M27V401 STMICROELECTRONICS-M27V401 Datasheet
103Kb / 15P
   4 Mbit (512Kb x8) Low Voltage UV EPROM and OTP EPROM
May 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com