전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M27C1001-45F6TR 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 M27C1001-45F6TR
상세설명  1 Mbit 128Kb x8 UV EPROM and OTP EPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C1001-45F6TR 데이터시트(HTML) 4 Page - STMicroelectronics

  M27C1001-45F6TR Datasheet HTML 1Page - STMicroelectronics M27C1001-45F6TR Datasheet HTML 2Page - STMicroelectronics M27C1001-45F6TR Datasheet HTML 3Page - STMicroelectronics M27C1001-45F6TR Datasheet HTML 4Page - STMicroelectronics M27C1001-45F6TR Datasheet HTML 5Page - STMicroelectronics M27C1001-45F6TR Datasheet HTML 6Page - STMicroelectronics M27C1001-45F6TR Datasheet HTML 7Page - STMicroelectronics M27C1001-45F6TR Datasheet HTML 8Page - STMicroelectronics M27C1001-45F6TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
M27C1001
4/17
DEVICE OPERATION
The operating modes of the M27C1001 are listed
in the Operating Modes table. A single power sup-
ply is required in the read mode. All inputs are TTL
levels except for VPP and 12V on A9 for Electronic
Signature.
Read Mode
The M27C1001 has two control functions, both of
which must be logically active in order to obtain
data at the outputs. Chip Enable (E) is the power
control and should be used for device selection.
Output Enable (G) is the output control and should
be used to gate data to the output pins, indepen-
dent of device selection. Assuming that the ad-
dresses are stable, the address access time
(tAVQV) is equal to the delay from E to output
(tELQV). Data is available at the output after a delay
of tGLQV from the falling edge of G, assuming that
E has been low and the addresses have been sta-
ble for at least tAVQV-tGLQV.
Standby Mode
The M27C1001 has a standby mode which reduc-
es the supply current from 30mA to 100µA. The
M27C1001 is placed in the standby mode by ap-
plying a CMOS high signal to the E input. When in
the standby mode, the outputs are in a high imped-
ance state, independent of the G input.
Table 5. AC Measurement Conditions
High Speed
Standard
Input Rise and Fall Times
≤ 10ns
≤ 20ns
Input Pulse Voltages
0 to 3V
0.4V to 2.4V
Input and Output Timing Ref. Voltages
1.5V
0.8V and 2V
Figure 3. AC Testing Input Output Waveform
AI01822
3V
High Speed
0V
1.5V
2.4V
Standard
0.4V
2.0V
0.8V
Figure 4. AC Testing Load Circuit
AI01823B
1.3V
OUT
CL
CL = 30pF for High Speed
CL = 100pF for Standard
CL includes JIG capacitance
3.3k
1N914
DEVICE
UNDER
TEST
Table 6. Capacitance (1) (TA = 25 °C, f = 1 MHz)
Note: 1. Sampled only, not 100% tested.
Symbol
Parameter
Test Condition
Min
Max
Unit
CIN
Input Capacitance
VIN = 0V
6pF
COUT
Output Capacitance
VOUT = 0V
12
pF


유사한 부품 번호 - M27C1001-45F6TR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M27C1001-45FTR STMICROELECTRONICS-M27C1001-45FTR Datasheet
218Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
More results

유사한 설명 - M27C1001-45F6TR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M27W101 STMICROELECTRONICS-M27W101_06 Datasheet
211Kb / 23P
   1 Mbit (128Kb x8) Low Voltage UV EPROM and OTP EPROM
M27W101 STMICROELECTRONICS-M27W101 Datasheet
103Kb / 15P
   1 Mbit 128Kb x8 Low Voltage UV EPROM and OTP EPROM
M27C202 STMICROELECTRONICS-M27C202 Datasheet
174Kb / 15P
   2 Mbit (128Kb x16) UV EPROM and OTP EPROM
M27V101 STMICROELECTRONICS-M27V101 Datasheet
104Kb / 15P
   1 Mbit (128Kb x 8) Low Voltage UV EPROM and OTP EPROM
May 1998
M27W202 STMICROELECTRONICS-M27W202 Datasheet
103Kb / 15P
   2 Mbit 128Kb x16 Low Voltage UV EPROM and OTP EPROM
M27W801 STMICROELECTRONICS-M27W801_06 Datasheet
202Kb / 24P
   8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
M27V801 STMICROELECTRONICS-M27V801 Datasheet
108Kb / 16P
   8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
M27W801 STMICROELECTRONICS-M27W801 Datasheet
108Kb / 16P
   8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
M27C1024 STMICROELECTRONICS-M27C1024 Datasheet
106Kb / 15P
   1 Mbit (64Kb x16) UV EPROM and OTP EPROM
M27V401 STMICROELECTRONICS-M27V401 Datasheet
103Kb / 15P
   4 Mbit (512Kb x8) Low Voltage UV EPROM and OTP EPROM
May 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com