전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M27C1001-45F6TR 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 M27C1001-45F6TR
상세설명  1 Mbit 128Kb x8 UV EPROM and OTP EPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C1001-45F6TR 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button M27C1001-45F6TR Datasheet HTML 2Page - STMicroelectronics M27C1001-45F6TR Datasheet HTML 3Page - STMicroelectronics M27C1001-45F6TR Datasheet HTML 4Page - STMicroelectronics M27C1001-45F6TR Datasheet HTML 5Page - STMicroelectronics M27C1001-45F6TR Datasheet HTML 6Page - STMicroelectronics M27C1001-45F6TR Datasheet HTML 7Page - STMicroelectronics M27C1001-45F6TR Datasheet HTML 8Page - STMicroelectronics M27C1001-45F6TR Datasheet HTML 9Page - STMicroelectronics M27C1001-45F6TR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
M27C1001
6/17
Figure 5. Read Mode AC Waveforms
AI00713B
tAXQX
tEHQZ
A0-A16
E
G
Q0-Q7
tAVQV
tGHQZ
tGLQV
tELQV
VALID
Hi-Z
VALID
Table 8B. Read Mode AC Characteristics (1)
(TA = 0 to 70°C, –40 to 85°C or –40 to 125°C; VCC = 5V ± 5% or 5V ± 10%; VPP = VCC)
Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
2. Sampled only, not 100% tested.
Symbol
Alt
Parameter
Test Condition
M27C1001
Unit
-80
-90
-10
-12/-15/
-20/-25
Min
Max
Min
Max
Min
Max
Min
Max
tAVQV
tACC
Address Valid to
Output Valid
E = VIL, G = VIL
80
90
100
120
ns
tELQV
tCE
Chip Enable Low to
Output Valid
G = VIL
80
90
100
120
ns
tGLQV
tOE
Output Enable Low
to Output Valid
E = VIL
40
45
50
60
ns
tEHQZ
(2)
tDF
Chip Enable High to
Output Hi-Z
G = VIL
030030
0
30
0
40
ns
tGHQZ
(2)
tDF
Output Enable High
to Output Hi-Z
E = VIL
030030
0
30
0
40
ns
tAXQX
tOH
Address Transition
to Output Transition
E = VIL, G = VIL
00
00
ns
System Considerations
The power switching characteristics of Advanced
CMOS EPROMs require careful decoupling of the
devices. The supply current, ICC, has three seg-
ments that are of interest to the system designer:
the standby current level, the active current level,
and transient current peaks that are produced by
the falling and rising edges of E. The magnitude of
the transient current peaks is dependent on the
capacitive and inductive loading of the device at
the output. The associated transient voltage peaks
can be suppressed by complying with the two line
output control and by properly selected decoupling
capacitors. It is recommended that a 0.1µF ceram-
ic capacitor be used on every device between VCC
and VSS. This should be a high frequency capaci-
tor of low inherent inductance and should be
placed as close to the device as possible. In addi-
tion, a 4.7µF bulk electrolytic capacitor should be
used between VCC and VSS for every eight devic-
es. The bulk capacitor should be located near the
power supply connection point. The purpose of the
bulk capacitor is to overcome the voltage drop
caused by the inductive effects of PCB traces.


유사한 부품 번호 - M27C1001-45F6TR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M27C1001-45FTR STMICROELECTRONICS-M27C1001-45FTR Datasheet
218Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
More results

유사한 설명 - M27C1001-45F6TR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M27W101 STMICROELECTRONICS-M27W101_06 Datasheet
211Kb / 23P
   1 Mbit (128Kb x8) Low Voltage UV EPROM and OTP EPROM
M27W101 STMICROELECTRONICS-M27W101 Datasheet
103Kb / 15P
   1 Mbit 128Kb x8 Low Voltage UV EPROM and OTP EPROM
M27C202 STMICROELECTRONICS-M27C202 Datasheet
174Kb / 15P
   2 Mbit (128Kb x16) UV EPROM and OTP EPROM
M27V101 STMICROELECTRONICS-M27V101 Datasheet
104Kb / 15P
   1 Mbit (128Kb x 8) Low Voltage UV EPROM and OTP EPROM
May 1998
M27W202 STMICROELECTRONICS-M27W202 Datasheet
103Kb / 15P
   2 Mbit 128Kb x16 Low Voltage UV EPROM and OTP EPROM
M27W801 STMICROELECTRONICS-M27W801_06 Datasheet
202Kb / 24P
   8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
M27V801 STMICROELECTRONICS-M27V801 Datasheet
108Kb / 16P
   8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
M27W801 STMICROELECTRONICS-M27W801 Datasheet
108Kb / 16P
   8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
M27C1024 STMICROELECTRONICS-M27C1024 Datasheet
106Kb / 15P
   1 Mbit (64Kb x16) UV EPROM and OTP EPROM
M27V401 STMICROELECTRONICS-M27V401 Datasheet
103Kb / 15P
   4 Mbit (512Kb x8) Low Voltage UV EPROM and OTP EPROM
May 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com