전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC9881IRGER 데이터시트(PDF) 3 Page - Texas Instruments

부품명 DAC9881IRGER
상세설명  18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

DAC9881IRGER 데이터시트(HTML) 3 Page - Texas Instruments

  DAC9881IRGER Datasheet HTML 1Page - Texas Instruments DAC9881IRGER Datasheet HTML 2Page - Texas Instruments DAC9881IRGER Datasheet HTML 3Page - Texas Instruments DAC9881IRGER Datasheet HTML 4Page - Texas Instruments DAC9881IRGER Datasheet HTML 5Page - Texas Instruments DAC9881IRGER Datasheet HTML 6Page - Texas Instruments DAC9881IRGER Datasheet HTML 7Page - Texas Instruments DAC9881IRGER Datasheet HTML 8Page - Texas Instruments DAC9881IRGER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ELECTRICAL CHARACTERISTICS
DAC9881
www.ti.com........................................................................................................................................................................................................ SBAS438 – MAY 2008
All specifications at TA = TMIN to TMAX, AVDD = DVDD = +4.75V to +5.5V, IOVDD = +1.8V to +5.5V, and gain = 1X mode, unless
otherwise noted.
DAC9881
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
ACCURACY
Linearity error
Measured by line passing through codes 2048 and 260096
±1
±2
LSB
Differential linearity error
Measured by line passing through codes 2048 and 260096
±0.5
±1
LSB
Monotonicity
18
Bits
TA = +25°C, code = 2048
±16
LSB
Zero-scale error
TMIN to TMAX, code = 2048
±32
LSB
Zero-scale drift
Code = 2048
±0.5
±1
ppm/
°C of FSR
TA = +25°C, measured by line passing through codes 2048
Gain error
±16
±32
LSB
and 260096
Gain temperature drift
Measured by line passing through codes 2048 and 260096
±0.5
±1
ppm/
°C
PSRR
VOUT = full-scale, AVDD = +5V ±10%
32
LSB/V
ANALOG OUTPUT(1)
Voltage output(2)
0
AVDD
V
Device operating for 500 hours
5
ppm of FSR
Output voltage drift vs time
Device operating for 1000 hours
8
ppm of FSR
Output current
2.5
mA
Maximum load capacitance
200
pF
Short-circuit current
+31, –50
mA
REFERENCE INPUT(1)
VREFH input voltage range
AVDD = +5.5V
1.25
5.0
AVDD
V
VREFH input capacitance
5
pF
VREFH input impedance
4.5
k
VREFL input voltage range
–0.2
0
+0.2
V
VREFL input capacitance
4.5
pF
VREFL input impedance
5
k
DYNAMIC PERFORMANCE(1)
To ±0.003% FS, RL = 10kΩ, CL = 50pF, code 04000h to
Settling time
5
µs
3C000h
Slew rate
From 10% to 90% of 0V to +5V
2.5
V/
µs
VREFH = 5V, gain = 1X mode
37
nV-s
VREFH = 2.5V, gain = 1X mode
18
nV-s
Code = 1FFFFh to
Code change glitch
VREFH = 1.25V, gain = 1X mode
9
nV-s
20000h to 1FFFFh
VREFH = 2.5V, gain = 2X mode
21
nV-s
VREFH = 1.25V, gain = 2X mode
10
nV-s
Digital feedthrough
1
nV-s
Gain = 1
24
30
nV/
√Hz
f = 1kHz to 100kHz,
Output noise voltage density
full-scale output
Gain = 2
40
48
nV/
√Hz
Output noise voltage
f = 0.1Hz to 10Hz, full-scale output
2
µV
PP
(1)
Ensured by design. Not production tested.
(2)
The output from the VOUT pin = [(VREFH – VREFL)/262144] × CODE × Buffer GAIN + VREFL. The maximum range of VOUT is 0V to AVDD.
The full-scale of the output must be less than AVDD; otherwise, output saturation occurs.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): DAC9881


유사한 부품 번호 - DAC9881IRGER

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC9881 TI-DAC9881 Datasheet
1Mb / 38P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC9881 TI1-DAC9881 Datasheet
1Mb / 39P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC9881B TI1-DAC9881B Datasheet
1Mb / 39P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC9881S TI1-DAC9881S Datasheet
1Mb / 39P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC9881SB TI1-DAC9881SB Datasheet
1Mb / 39P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
More results

유사한 설명 - DAC9881IRGER

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC9881_0808 TI-DAC9881_0808 Datasheet
1Mb / 38P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC9881 TI1-DAC9881_15 Datasheet
1Mb / 39P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC8881 TI-DAC8881 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC8581 TI-DAC8581 Datasheet
507Kb / 14P
[Old version datasheet]   16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8581 TI1-DAC8581_16 Datasheet
1Mb / 20P
[Old version datasheet]   16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7613 TI1-DAC7613_14 Datasheet
1Mb / 14P
[Old version datasheet]   12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7641 TI1-DAC7641_08 Datasheet
1Mb / 22P
[Old version datasheet]   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7641 BURR-BROWN-DAC7641 Datasheet
1,000Kb / 18P
   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7613 BURR-BROWN-DAC7613 Datasheet
559Kb / 9P
   12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7613E TI1-DAC7613E Datasheet
746Kb / 13P
[Old version datasheet]   12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com