전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74CBTK16245 데이터시트(PDF) 8 Page - Texas Instruments

부품명 SN74CBTK16245
상세설명  16-BIT FET BUS SWITCH WITH ACTIVE-CLAMP UNDERSHOOT-PROTECTION CIRCUIT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74CBTK16245 데이터시트(HTML) 8 Page - Texas Instruments

Back Button SN74CBTK16245 Datasheet HTML 4Page - Texas Instruments SN74CBTK16245 Datasheet HTML 5Page - Texas Instruments SN74CBTK16245 Datasheet HTML 6Page - Texas Instruments SN74CBTK16245 Datasheet HTML 7Page - Texas Instruments SN74CBTK16245 Datasheet HTML 8Page - Texas Instruments SN74CBTK16245 Datasheet HTML 9Page - Texas Instruments SN74CBTK16245 Datasheet HTML 10Page - Texas Instruments SN74CBTK16245 Datasheet HTML 11Page - Texas Instruments SN74CBTK16245 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
SN74CBTK16245DGGR
TSSOP
DGG
48
2000
346.0
346.0
41.0
SN74CBTK16245DGVR
TVSOP
DGV
48
2000
346.0
346.0
41.0
SN74CBTK16245DLR
SSOP
DL
48
1000
346.0
346.0
49.0
PACKAGE MATERIALS INFORMATION
www.ti.com
11-Mar-2008
Pack Materials-Page 2


유사한 부품 번호 - SN74CBTK16245

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74CBTK32245 TI-SN74CBTK32245 Datasheet
274Kb / 10P
[Old version datasheet]   32 BIT FET BUS SWITCH WITH ACTIVE CLAMP UNDERSHOOT PROTECTION CIRCUIT
SN74CBTK32245GKER TI-SN74CBTK32245GKER Datasheet
274Kb / 10P
[Old version datasheet]   32 BIT FET BUS SWITCH WITH ACTIVE CLAMP UNDERSHOOT PROTECTION CIRCUIT
SN74CBTK32245ZKER TI-SN74CBTK32245ZKER Datasheet
274Kb / 10P
[Old version datasheet]   32 BIT FET BUS SWITCH WITH ACTIVE CLAMP UNDERSHOOT PROTECTION CIRCUIT
SN74CBTK6800 TI1-SN74CBTK6800 Datasheet
693Kb / 16P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS AND ACTIVE-CLAMP UNDERSHOOT-PROTECTION CIRCUIT
SN74CBTK6800DBQR TI1-SN74CBTK6800DBQR Datasheet
693Kb / 16P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS AND ACTIVE-CLAMP UNDERSHOOT-PROTECTION CIRCUIT
More results

유사한 설명 - SN74CBTK16245

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74CBTK32245 TI-SN74CBTK32245 Datasheet
274Kb / 10P
[Old version datasheet]   32 BIT FET BUS SWITCH WITH ACTIVE CLAMP UNDERSHOOT PROTECTION CIRCUIT
SN74CBTK6800 TI1-SN74CBTK6800 Datasheet
693Kb / 16P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS AND ACTIVE-CLAMP UNDERSHOOT-PROTECTION CIRCUIT
logo
Fairchild Semiconductor
FSTU16245 FAIRCHILD-FSTU16245 Datasheet
190Kb / 6P
   16-Bit Bus Switch with -2V Undershoot Protection
logo
Texas Instruments
SN74CBT16244C TI-SN74CBT16244C Datasheet
188Kb / 11P
[Old version datasheet]   16-BIT FET BUS SWITCH 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT16244C TI-SN74CBT16244C_08 Datasheet
370Kb / 13P
[Old version datasheet]   16-BIT FET BUS SWITCH 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT16245C TI1-SN74CBT16245C Datasheet
374Kb / 13P
[Old version datasheet]   16-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT3244C TI-SN74CBT3244C Datasheet
423Kb / 16P
[Old version datasheet]   B-BIT FET BUS SWITCH 5-V BUS SWITCH WITH 2-V UNDERSHOOT PROTECTION
SN74CBT16210C TI-SN74CBT16210C Datasheet
195Kb / 11P
[Old version datasheet]   20-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT16211C TI-SN74CBT16211C Datasheet
246Kb / 14P
[Old version datasheet]   24-BIT FET BUS SWITCH 5-V BUS SWITCH WITH 2-V UNDERSHOOT PROTECTION
SN74CBT3245C TI-SN74CBT3245C Datasheet
413Kb / 15P
[Old version datasheet]   8-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com