전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AUC2G66YZPR 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AUC2G66YZPR
상세설명  DUAL BILATERAL ANALOG SWITCH
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC2G66YZPR 데이터시트(HTML) 5 Page - Texas Instruments

  SN74AUC2G66YZPR Datasheet HTML 1Page - Texas Instruments SN74AUC2G66YZPR Datasheet HTML 2Page - Texas Instruments SN74AUC2G66YZPR Datasheet HTML 3Page - Texas Instruments SN74AUC2G66YZPR Datasheet HTML 4Page - Texas Instruments SN74AUC2G66YZPR Datasheet HTML 5Page - Texas Instruments SN74AUC2G66YZPR Datasheet HTML 6Page - Texas Instruments SN74AUC2G66YZPR Datasheet HTML 7Page - Texas Instruments SN74AUC2G66YZPR Datasheet HTML 8Page - Texas Instruments SN74AUC2G66YZPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
www.ti.com
Operating Characteristics
SN74AUC2G66
DUAL BILATERAL ANALOG SWITCH
SCES507A – NOVEMBER 2003 – REVISED JANUARY 2007
Analog Switch Characteristics (continued)
T
A = 25°C
FROM
TO
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
(INPUT)
(OUTPUT)
0.8 V
9
1.1 V
14
Crosstalk
CL = 50 pF, RL = 600 Ω,
(control input to signal
C
A or B
fin = 1 MHz (square wave)
1.4 V
15
mV
output)
(see Figure 8)
1.65 V
16
2.3 V
20
0.8 V
–50
1.1 V
–50
CL = 50 pF, RL = 600 Ω,
fin = 1 MHz (sine wave)
1.4 V
–50
(see Figure 9)
1.65 V
–50
2.3 V
–50
Feedthrough attenuation
A or B
B or A
dB
(switch OFF)
0.8 V
–60
1.1 V
–60
CL = 5 pF, RL = 50 Ω,
fin = 1 MHz (sine wave)
1.4 V
–60
(see Figure 9)
1.65 V
–60
2.3 V
–60
0.8 V
7
1.1 V
0.256
CL = 50 pF, RL = 10 kΩ,
A or B
B or A
fin = 1 kHz (sine wave)
1.4 V
0.04
(see Figure 10)
1.65 V
0.03
2.3 V
0.01
Sine-wave distortion
%
0.8 V
3.7
1.1 V
0.4
CL = 50 pF, RL = 10 kΩ,
A or B
B or A
fin = 10 kHz (sine wave)
1.4 V
0.04
(see Figure 10)
1.65 V
0.02
2.3 V
0.02
T
A = 25°C
VCC = 0.8 V
VCC = 1.2 V
VCC = 1.5 V
VCC = 1.8 V
VCC = 2.5 V
TEST
PARAMETER
UNIT
CONDITIONS
TYP
TYP
TYP
TYP
TYP
Power dissipation
Cpd
f = 10 MHz
2.5
2.5
2.5
2.5
2.5
pF
capacitance
5
Submit Documentation Feedback


유사한 부품 번호 - SN74AUC2G66YZPR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUC2G66YZPR TI-SN74AUC2G66YZPR Datasheet
323Kb / 16P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
More results

유사한 설명 - SN74AUC2G66YZPR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74LVC2G66 TI-SN74LVC2G66_07 Datasheet
585Kb / 19P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74LVC2G66 UTC-U74LVC2G66 Datasheet
247Kb / 10P
   DUAL BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74LVC2G66-Q1 TI1-SN74LVC2G66-Q1_14 Datasheet
868Kb / 19P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74AUC2G66 TI-SN74AUC2G66 Datasheet
323Kb / 16P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66 TI-SN74LVC2G66 Datasheet
433Kb / 19P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74AUC2G66 TI-SN74AUC2G66_15 Datasheet
845Kb / 21P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74LVC2G66 UTC-U74LVC2G66_15 Datasheet
297Kb / 10P
   DUAL BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74LVC2G66-Q1 TI-SN74LVC2G66-Q1_15 Datasheet
842Kb / 18P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66-Q1 TI1-SN74LVC2G66-Q1 Datasheet
648Kb / 17P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66 TI1-SN74LVC2G66_14 Datasheet
981Kb / 23P
[Old version datasheet]   SN74LVC2G66 Dual Bilateral Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com