전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF-24 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 IRF-24
상세설명  Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRF-24 데이터시트(HTML) 1 Page - Vishay Siliconix

  IRF-24 Datasheet HTML 1Page - Vishay Siliconix IRF-24 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IRF-24
Vishay Dale
Document Number: 34056
For technical questions contact magnetics@vishay.com
www.vishay.com
Revision: 14-Jan-08
33
Inductors
Epoxy Conformal Coated, Axial Leaded
FEATURES
• High performance ferrite core is used in this epoxy
conformally coated choke which allows for
inductance values to 1000 µH
• Axial lead type, small lightweight design
• Special magnetic core structure contributes to high Q and
self-resonant frequencies
• Treated with epoxy resin coating for humidity resistance to
ensure long life
• Heat resistant adhesives
ELECTRICAL SPECIFICATIONS
Inductance Range: 0.1 µH to 1000 µH
Inductance Tolerance: ± 10 % from 0.1 µH to 1000 µH
standard, ± 5 % optional
Operating Temperature Range: - 20 °C to + 105 °C
Dielectric Strength: 250 V RMS
MECHANICAL SPECIFICATIONS
Terminal Strength: Pull = 5 pounds, Twist = 360 °C x 3
Protection: Epoxy uniform roll coated
Leads: Tinned copper
ENVIRONMENTAL SPECIFICATIONS
Maximum Temperature Rise: + 20 °C
STANDARD ELECTRICAL SPECIFICATIONS
IND.
(µH)
TOL.
Q
MIN.
TEST
FREQ.
(MHz)
SRF
MIN.
(MHz)
DCR
MAX.
(Ohms)
RATED DC
CURRENT
(mA)
0.10
± 10 %
30
25.2
280
0.085
1400
0.12
± 10 %
30
25.2
280
0.085
1350
0.15
± 10 %
30
25.2
280
0.095
1270
0.18
± 10 %
30
25.2
280
0.12
1200
0.22
± 10 %
40
25.2
280
0.15
1150
0.27
± 10 %
40
25.2
260
0.15
1110
0.33
± 10 %
40
25.2
260
0.15
1110
0.39
± 10 %
40
25.2
220
0.17
1000
0.47
± 10 %
40
25.2
200
0.17
1000
0.56
± 10 %
40
25.2
180
0.17
950
0.68
± 10 %
40
25.2
160
0.18
900
0.82
± 10 %
40
25.2
140
0.18
900
1.0
± 5 %, ± 10 %
40
25.2
135
0.18
815
1.2
± 5 %, ± 10 %
40
7.96
135
0.18
740
1.5
± 5 %, ± 10 %
40
7.96
130
0.20
700
1.8
± 5 %, ± 10 %
40
7.96
125
0.23
655
2.2
± 5 %, ± 10 %
40
7.96
80
0.25
630
2.7
± 5 %, ± 10 %
40
7.96
80
0.28
595
3.3
± 5 %, ± 10 %
40
7.96
70
0.30
575
3.9
± 5 %, ± 10 %
40
7.96
65
0.32
555
4.7
± 5 %, ± 10 %
40
7.96
45
0.35
530
5.6
± 5 %, ± 10 %
40
7.96
40
0.40
500
6.8
± 5 %, ± 10 %
40
7.96
30
0.45
470
8.2
± 5 %, ± 10 %
40
7.96
28
0.56
425
10
± 5 %, ± 10 %
40
7.96
22
0.72
370
12
± 5 %, ± 10 %
40
2.52
20
0.80
350
15
± 5 %, ± 10 %
40
2.52
16
0.88
335
18
± 5 %, ± 10 %
40
2.52
15
1.0
315
22
± 5 %, ± 10 %
40
2.52
13
1.2
285
27
± 5 %, ± 10 %
40
2.52
11
1.35
270
33
± 5 %, ± 10 %
40
2.52
10
1.50
255
39
± 5 %, ± 10 %
40
2.52
9.5
1.70
240
47
± 5 %, ± 10 %
50
2.52
8.5
2.30
205
56
± 5 %, ± 10 %
50
2.52
7.5
2.60
195
68
± 5 %, ± 10 %
50
2.52
6.5
2.90
185
82
± 5 %, ± 10 %
50
2.52
6.0
3.20
175
100
± 5 %, ± 10 %
50
2.52
5.5
3.70
165
120
± 5 %, ± 10 %
60
0.796
5.4
3.80
160
150
± 5 %, ± 10 %
60
0.796
4.75
4.90
150
180
± 5 %, ± 10 %
60
0.796
4.35
5.0
140
220
± 5 %, ± 10 %
60
0.796
4.0
6.50
130
270
± 5 %, ± 10 %
60
0.796
3.7
7.5
120
330
± 5 %, ± 10 %
60
0.796
3.4
9.5
100
390
± 5 %, ± 10 %
60
0.796
2.8
10.5
95
470
± 5 %, ± 10 %
60
0.796
2.56
17.5
90
560
± 5 %, ± 10 %
60
0.796
2.35
18.5
85
680
± 5 %, ± 10 %
60
0.796
2.0
20.0
75
820
± 5 %, ± 10 %
60
0.796
1.60
23.7
65
1000 ± 5 %, ± 10 %
50
0.796
1.15
30.0
60
DIMENSIONS in inches [millimeters]
MODEL
A
(Max.)
B
(Max.)
C
(Max.)
D
(Max.)
IRF-24
0.157
[4,0]
0.118
[3.0]
0.394
[10.0]
0.020
[0.5]
0.98 [25.0]
Min.
1.22 [31.0]
Max.
D
(Max.)
B
(Max.)
C (Max.)
A (Max.)
DESCRIPTION
IRF-24
6.8 µH
± 10 %
ER
e3
MODEL
INDUCTANCE VALUE
INDUCTANCE TOLERANCE
PACKAGE CODE
JEDEC LEAD (Pb)-FREE STANDARD
GLOBAL PART NUMBER INFORMATION
PRODUCT FAMILY
SIZE
PACKAGE CODE
INDUCTANCE VALUE
TOL.
RoHS
COMPLIANT
E
R
6
R
8
K
I
R
F
2
4


유사한 부품 번호 - IRF-24

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
IRF-24 VISHAY-IRF-24 Datasheet
128Kb / 1P
   Inductors Epoxy Conformal Coated, Axial Leaded
Revision 10-Feb-05
IRF-24 VISHAY-IRF-24 Datasheet
71Kb / 3P
   Inductors, Epoxy Conformal Coated, Axial Leaded
Revision: 04-Mar-14
IRF-24 VISHAY-IRF-24 Datasheet
54Kb / 3P
   Inductors, Epoxy Conformal Coated, Axial Leaded
01-Jan-2022
IRF-24 VISHAY-IRF-24_17 Datasheet
71Kb / 3P
   Inductors, Epoxy Conformal Coated, Axial Leaded
Revision: 04-Mar-14
IRF-24 VISHAY-IRF-24_V01 Datasheet
54Kb / 3P
   Inductors, Epoxy Conformal Coated, Axial Leaded
01-Jan-2022
More results

유사한 설명 - IRF-24

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Semiconductor
ELJEA3R3KF PANASONIC-ELJEA3R3KF Datasheet
79Kb / 2P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com