전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5544EVAL 데이터시트(PDF) 9 Page - Analog Devices

부품명 AD5544EVAL
상세설명  Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5544EVAL 데이터시트(HTML) 9 Page - Analog Devices

Back Button AD5544EVAL Datasheet HTML 5Page - Analog Devices AD5544EVAL Datasheet HTML 6Page - Analog Devices AD5544EVAL Datasheet HTML 7Page - Analog Devices AD5544EVAL Datasheet HTML 8Page - Analog Devices AD5544EVAL Datasheet HTML 9Page - Analog Devices AD5544EVAL Datasheet HTML 10Page - Analog Devices AD5544EVAL Datasheet HTML 11Page - Analog Devices AD5544EVAL Datasheet HTML 12Page - Analog Devices AD5544EVAL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD5544/AD5554
Rev. A | Page 9 of 20
Table 6. AD55541 Control-Logic Truth Table
CS
CLK
LDAC
RS
MSB
Serial Shift Register2 Function
Input Register2 Function
DAC Register
H
X
H
H
X3
No Effect
Latched
Latched
L
L
H
H
X
No Effect
Latched
Latched
L
↑+2
H
H
X
Shift-Register-Data Advanced
One Bit
Latched
Latched
L
H
H
H
X
No Effect
Latched
Latched
↑+2
L
H
H
X
No Effect
Selected DAC Updated with Current
Shift-Register Contents4
Latched
H
X
L
H
X
No Effect
Latched
Transparent
H
X
H
H
X
No Effect
Latched
Latched
H
X
+
H
X
No Effect
Latched
Latched
H
X
H
L
0
No Effect
Latched Data = 0000H
Latched Data = 0000H
H
X
H
L
H
No Effect
Latched Data = 2000H
Latched Data = 2000H
1 For the AD5554, data appears at the SDO Pin 17 clock pulses after input at the SDI pin.
2
↑+ positive logic transition.
3 X = don’t care.
4 At power on both the input register and the DAC register are loaded with all zeros.
Table 7. AD5544 Serial Input Register Data Format, Data Is Loaded in the MSB-First Format1
MSB
LSB
Bit Position
B17
B16
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Data Word
A1
A0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
1 Only the last 18 bits of data clocked into the serial register (address + data) are inspected when the CS line’s positive edge returns to logic high. At this point an inter-
nally generated load strobe transfers the serial register data contents (Bits D15 to D0) to the decoded DAC-input-register address determined by Bits A1 and A0. Any
extra bits clocked into the AD5544 shift register are ignored; only the last 18 bits clocked in are used. If double-buffered data is not needed, the LDAC pin can be tied
logic low to disable the DAC registers.
Table 8. AD5554 Serial Input Register Data Format, Data Is Loaded in the MSB-First Format1
MSB
LSB
Bit Position
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Data Word
A1
A0
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
1 Only the last 16 bits of data clocked into the serial register (address + data) are inspected when the CS line’s positive edge returns to logic high. At this point an
internally generated load strobe transfers the serial register data contents (Bits D13 to D0) to the decoded DAC-input-register address determined by Bits A1 and A0.
Any extra bits clocked into the AD5554 shift register are ignored; only the last 16 bits clocked in are used. If double-buffered data is not needed, the LDAC pin can be
tied logic low to disable the DAC registers.
Table 9. Address Decode
A1
A0
DAC Decoded
0
0
DAC A
0
1
DAC B
1
0
DAC C
1
1
DAC D


유사한 부품 번호 - AD5544EVAL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5544 AD-AD5544 Datasheet
473Kb / 16P
   Quad, Current-Output Serial-Input, 16-Bit/14-Bit DACs
REV. 0
AD5544 AD-AD5544 Datasheet
735Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Rev. G
AD5544 AD-AD5544 Datasheet
747Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
logo
Texas Instruments
AD55444 TI-AD55444 Datasheet
770Kb / 25P
[Old version datasheet]   13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD5544ACPZ-1-R2 AD-AD5544ACPZ-1-R2 Datasheet
694Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Rev. G
More results

유사한 설명 - AD5544EVAL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5544 AD-AD5544_12 Datasheet
694Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Rev. G
AD5544ARSZ AD-AD5544ARSZ Datasheet
875Kb / 28P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
REV. F
AD5544 AD-AD5544_13 Datasheet
735Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Rev. G
AD5544 AD-AD5544_15 Datasheet
747Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
AD5544 AD-AD5544 Datasheet
473Kb / 16P
   Quad, Current-Output Serial-Input, 16-Bit/14-Bit DACs
REV. 0
AD5543 AD-AD5543_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5553 AD-AD5553_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5543 AD-AD5543_12 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5545 AD-AD5545 Datasheet
924Kb / 24P
   Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
Rev. G
AD5545 AD-AD5545_16 Datasheet
977Kb / 23P
   Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com