전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC100EL1648DT 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 MC100EL1648DT
상세설명  5 V ECL Voltage Controlled Oscillator Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL1648DT 데이터시트(HTML) 1 Page - ON Semiconductor

  MC100EL1648DT Datasheet HTML 1Page - ON Semiconductor MC100EL1648DT Datasheet HTML 2Page - ON Semiconductor MC100EL1648DT Datasheet HTML 3Page - ON Semiconductor MC100EL1648DT Datasheet HTML 4Page - ON Semiconductor MC100EL1648DT Datasheet HTML 5Page - ON Semiconductor MC100EL1648DT Datasheet HTML 6Page - ON Semiconductor MC100EL1648DT Datasheet HTML 7Page - ON Semiconductor MC100EL1648DT Datasheet HTML 8Page - ON Semiconductor MC100EL1648DT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2007
April, 2007 − Rev. 7
1
Publication Order Number:
MC100EL1648/D
MC100EL1648
5 VECL Voltage Controlled
Oscillator Amplifier
Description
The MC100EL1648 is a voltage controlled oscillator amplifier that
requires an external parallel tank circuit consisting of the inductor (L)
and capacitor (C). A varactor diode may be incorporated into the tank
circuit to provide a voltage variable input for the oscillator (VCO).
This device may also be used in many other applications requiring a
fixed frequency clock.
The MC100EL1648 is ideal in applications requiring a local
oscillator, systems that include electronic test equipment, and digital
high−speed telecommunications.
The MC100EL1648 is based on the VCO circuit topology of the
MC1648. The MC100EL1648 uses advanced bipolar process
technology which results in a design which can operate at an extended
frequency range.
The ECL output circuitry of the MC100EL1648 is not a traditional
open emitter output structure and instead has an on−chip termination
emitter resistor, RE, with a nominal value of 510
W. This facilitates
direct ac−coupling of the output signal into a transmission line.
Because of this output configuration, an external pull−down resistor is
not required to provide the output with a dc current path. This output is
intended to drive one ECL load (3.0 pF). If the user needs to fanout the
signal, an ECL buffer such as the EL16 (EL11, EL14) type Line
Receiver/Driver should be used.
Features
Typical Operating Frequency Up to 1100 MHz
Low−Power 19 mA at 5.0 Vdc Power Supply
PECL Mode Operating Range: VCC = 4.2 V to 5.5 V with VEE = 0 V
NECL Mode Operating Range: VCC = 0 V with VEE = −4.2 V
to −5.5 V
Input Capacitance = 6.0 pF (TYP)
Pb−Free Packages are Available
NOTE:
The MC100EL1648 is NOT useable as a crystal oscillator.
VEE
VCC
VCC
VEE
OUTPUT
AGC
BIAS POINT
TANK
EXTERNAL
TANK
CIRCUIT
Figure 1. Logic Diagram
MARKING
DIAGRAMS*
SOEIAJ−14
M SUFFIX
CASE 965
1
14
14
1
*For additional marking information, refer to
Application Note AND8002/D.
SOIC−8
D SUFFIX
CASE 751
TSSOP−8
DT SUFFIX
CASE 948R
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 12 of this data sheet.
ORDERING INFORMATION
KEL1648
ALYWG
1648
ALYW
G
G
1
8
1
8
1
8
K1648
ALYW
G
1
8
DFN8
MN SUFFIX
CASE 506AA
14
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
M
= Date Code
G or
G = Pb−Free Package
(Note: Microdot may be in either location)


유사한 부품 번호 - MC100EL1648DT

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC100EL1648DT ONSEMI-MC100EL1648DT Datasheet
165Kb / 14P
   5 V ECL Voltage Controlled Oscillator Amplifier
May, 2004 ??Rev. 4
MC100EL1648DT ONSEMI-MC100EL1648DT Datasheet
251Kb / 16P
   5 VECL Voltage Controlled Oscillator Amplifier
December, 2006 ??Rev. 6
MC100EL1648DTG ONSEMI-MC100EL1648DTG Datasheet
251Kb / 16P
   5 VECL Voltage Controlled Oscillator Amplifier
December, 2006 ??Rev. 6
MC100EL1648DTR ONSEMI-MC100EL1648DTR Datasheet
165Kb / 14P
   5 V ECL Voltage Controlled Oscillator Amplifier
May, 2004 ??Rev. 4
MC100EL1648DTR2 ONSEMI-MC100EL1648DTR2 Datasheet
251Kb / 16P
   5 VECL Voltage Controlled Oscillator Amplifier
December, 2006 ??Rev. 6
More results

유사한 설명 - MC100EL1648DT

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC100EL1648 ONSEMI-MC100EL1648_06 Datasheet
251Kb / 16P
   5 VECL Voltage Controlled Oscillator Amplifier
December, 2006 ??Rev. 6
MC100EL1648 ONSEMI-MC100EL1648 Datasheet
165Kb / 14P
   5 V ECL Voltage Controlled Oscillator Amplifier
May, 2004 ??Rev. 4
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
logo
Zarlink Semiconductor I...
SP1648 ZARLINK-SP1648 Datasheet
184Kb / 7P
   ECL OSCILLATOR
logo
ON Semiconductor
MC10E112 ONSEMI-MC10E112_16 Datasheet
154Kb / 7P
   5V ECL Quad Driver
July, 2016 ??Rev. 9
logo
Texas Instruments
SN65EL16 TI1-SN65EL16 Datasheet
599Kb / 13P
[Old version datasheet]   5-V ECL Differential Receiver
logo
SYNERGY MICROWAVE CORPO...
DCSO1000-12 SYNERGY-DCSO1000-12 Datasheet
358Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com