전자부품 데이터시트 검색엔진 |
|
SN74AHCU04DG4 데이터시트(PDF) 4 Page - Texas Instruments |
|
SN74AHCU04DG4 데이터시트(HTML) 4 Page - Texas Instruments |
4 / 23 page SN54AHCU04, SN74AHCU04 HEX INVERTERS SCLS234K – OCTOBER 1995 – REVISED JULY 2003 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 switching characteristics over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1) PARAMETER FROM TO LOAD TA = 25°C SN54AHCU04 SN74AHCU04 UNIT PARAMETER (INPUT) (OUTPUT) CAPACITANCE MIN TYP MAX MIN MAX MIN MAX UNIT tPLH A Y CL =15 pF 5* 7.1* 1* 8.5* 1 8.5 ns tPHL A Y CL = 15 pF 5* 7.1* 1* 8.5* 1 8.5 ns tPLH A Y CL =50 pF 7.5 10.6 1 12 1 12 ns tPHL A Y CL = 50 pF 7.5 10.6 1 12 1 12 ns * On products compliant to MIL-PRF-38535, this parameter is not production tested. switching characteristics over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1) PARAMETER FROM TO LOAD TA = 25°C SN54AHCU04 SN74AHCU04 UNIT PARAMETER (INPUT) (OUTPUT) CAPACITANCE MIN TYP MAX MIN MAX MIN MAX UNIT tPLH A Y CL =15 pF 3.5* 5.5* 1* 6* 1 6.5 ns tPHL A Y CL = 15 pF 3.5* 5.5* 1* 6* 1 6.5 ns tPLH A Y CL =50 pF 5 7 1 8 1 8 ns tPHL A Y CL = 50 pF 5 7 1 8 1 8 ns * On products compliant to MIL-PRF-38535, this parameter is not production tested. noise characteristics, VCC = 5 V, CL = 50 pF, TA = 25°C (see Note 5) PARAMETER SN74AHCU04 UNIT PARAMETER MIN TYP MAX UNIT VOL(P) Quiet output, maximum dynamic VOL 0.5 V VOL(V) Quiet output, minimum dynamic VOL –0.5 V VOH(V) Quiet output, minimum dynamic VOH 4.3 V VIH(D) High-level dynamic input voltage 4 V VIL(D) Low-level dynamic input voltage 1 V NOTE 5: Characteristics are for surface-mount packages only. operating characteristics, VCC = 5 V, TA = 25°C PARAMETER TEST CONDITIONS TYP UNIT Cpd Power dissipation capacitance No load, f = 1 MHz 7.3 pF |
유사한 부품 번호 - SN74AHCU04DG4 |
|
유사한 설명 - SN74AHCU04DG4 |