전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD74ACT163M 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 CD74ACT163M
상세설명  4-BIT SYNCHRONOUS BINARY COUNTERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT163M 데이터시트(HTML) 11 Page - Texas Instruments

Back Button CD74ACT163M Datasheet HTML 7Page - Texas Instruments CD74ACT163M Datasheet HTML 8Page - Texas Instruments CD74ACT163M Datasheet HTML 9Page - Texas Instruments CD74ACT163M Datasheet HTML 10Page - Texas Instruments CD74ACT163M Datasheet HTML 11Page - Texas Instruments CD74ACT163M Datasheet HTML 12Page - Texas Instruments CD74ACT163M Datasheet HTML 13Page - Texas Instruments CD74ACT163M Datasheet HTML 14Page - Texas Instruments CD74ACT163M Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
CD54ACT163F3A
ACTIVE
CDIP
J
16
1
TBD
A42 SNPB
N / A for Pkg Type
CD74ACT163E
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
CD74ACT163EE4
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
CD74ACT163M
ACTIVE
SOIC
D
16
40
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD74ACT163M96
ACTIVE
SOIC
D
16
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD74ACT163M96E4
ACTIVE
SOIC
D
16
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD74ACT163M96G4
ACTIVE
SOIC
D
16
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD74ACT163ME4
ACTIVE
SOIC
D
16
40
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD74ACT163MG4
ACTIVE
SOIC
D
16
40
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
9-Oct-2007
Addendum-Page 1


유사한 부품 번호 - CD74ACT163M

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD74ACT163M TI-CD74ACT163M Datasheet
142Kb / 10P
[Old version datasheet]   CD54ACT161 CD74ACT161
More results

유사한 설명 - CD74ACT163M

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54HC163 TI-SN54HC163 Datasheet
640Kb / 24P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV163A TI1-SN54LV163A_15 Datasheet
947Kb / 26P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV161A TI-SN54LV161A_08 Datasheet
610Kb / 22P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
logo
National Semiconductor ...
54LS161A NSC-54LS161A Datasheet
210Kb / 12P
   Synchronous 4-Bit Binary Counters
logo
Texas Instruments
CD54AC161 TI-CD54AC161 Datasheet
383Kb / 15P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
CD54AC163 TI-CD54AC163 Datasheet
154Kb / 11P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54HC161 TI-SN54HC161 Datasheet
642Kb / 24P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
logo
Fairchild Semiconductor
DM74LS161A FAIRCHILD-DM74LS161A Datasheet
103Kb / 10P
   Synchronous 4-Bit Binary Counters
logo
Texas Instruments
CD74AC161ME4 TI-CD74AC161ME4 Datasheet
553Kb / 18P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV161A TI-SN54LV161A Datasheet
440Kb / 20P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com