전자부품 데이터시트 검색엔진 |
|
SN74ABT16833DLR 데이터시트(PDF) 1 Page - Texas Instruments |
|
|
SN74ABT16833DLR 데이터시트(HTML) 1 Page - Texas Instruments |
1 / 13 page SN54ABT16833, SN74ABT16833 DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS SCBS097D – FEBRUARY 1991 – REVISED JANUARY 1997 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Members of the Texas Instruments Widebus ™ Family D State-of-the-Art EPIC-ΙΙB™ BiCMOS Design Significantly Reduces Power Dissipation D Latch-Up Performance Exceeds 500 mA Per JEDEC Standard JESD-17 D Typical VOLP (Output Ground Bounce) < 1 V at VCC = 5 V, TA = 25°C D Distributed VCC and GND Pin Configuration Minimizes High-Speed Switching Noise D Flow-Through Architecture Optimizes PCB Layout D High-Drive Outputs (–32-mA IOH, 64-mA IOL) D Parity-Error Flag With Parity Generator/Checker D Register for Storage of Parity-Error Flag D Package Options Include Plastic 300-mil Shrink Small-Outline (DL) and Thin Shrink Small-Outline (DGG) Packages and 380-mil Fine-Pitch Ceramic Flat (WD) Package Using 25-mil Center-to-Center Spacings description The ’ABT16833 consist of two noninverting 8-bit to 9-bit parity bus transceivers and are designed for communication between data buses. For each transceiver, when data is transmitted from the A bus to the B bus, an odd-parity bit is generated and output on the parity I/O pin (1PARITY or 2PARITY). When data is transmitted from the B bus to the A bus, 1PARITY (or 2PARITY) is configured as an input and combined with the B-input data to generate an active-low error flag if odd parity is not detected. The error (1ERR or 2ERR) output is configured as an open-collector output. The B-to-A parity-error flag is clocked into 1ERR (or 2ERR) on the low-to-high transition of the clock (1CLK or 2CLK) input. 1ERR (or 2ERR) is cleared (set high) by taking the clear (1CLR or 2CLR) input low. The output-enable (OEA and OEB) inputs can be used to disable the device so that the buses are effectively isolated. When both OEA and OEB are low, data is transferred from the A bus to the B bus and inverted parity is generated. Inverted parity is a forced error condition that gives the designer more system diagnostic capability. To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver. Copyright © 1997, Texas Instruments Incorporated UNLESS OTHERWISE NOTED this document contains PRODUCTION DATA information current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Widebus and EPIC- ΙΙB are trademarks of Texas Instruments Incorporated. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 1OEB 1CLK 1ERR GND 1A1 1A2 VCC 1A3 1A4 1A5 GND 1A6 1A7 1A8 2A1 2A2 2A3 GND 2A4 2A5 2A6 VCC 2A7 2A8 GND 2ERR 2CLK 2OEB 1OEA 1CLR 1PARITY GND 1B1 1B2 VCC 1B3 1B4 1B5 GND 1B6 1B7 1B8 2B1 2B2 2B3 GND 2B4 2B5 2B6 VCC 2B7 2B8 GND 2PARITY 2CLR 2OEA SN54ABT16833 . . . WD PACKAGE SN74ABT16833 . . . DGG OR DL PACKAGE (TOP VIEW) |
유사한 부품 번호 - SN74ABT16833DLR |
|
유사한 설명 - SN74ABT16833DLR |