전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM67-3N001 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 SM67-3N001
상세설명  Multi-Mode 670nm VCSEL Chip
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

SM67-3N001 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  SM67-3N001 Datasheet HTML 1Page - List of Unclassifed Manufacturers SM67-3N001 Datasheet HTML 2Page - List of Unclassifed Manufacturers SM67-3N001 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SM67-3N001
Multi-Mode 670nm VCSEL Chip
Rev. 2.1
O
1/1
Features
Description
: 670nm wavelength range
: Operatiing to over 50
oC
: Low current and voltage
: High reliability
:Other configurations available on request
Applications
: Consumer Electronics
: Position Sensors
: Medical Instruments
: Home Networking
: Data Link Communication, IEEE1394b
: Low power consumption application
such as battery-operated equipment
Absolute Maximum Ratings
Parameter
Rating
Storage Temperature
-40 to 85
oC
Operating Temperature
-20 to 50
oC
Lead Solder Temperature
260
oC, 10 sec
Continuous Forward Current
7mA
Continuous Reverse Voltage
5V (@10µA)
Dimensions
Unit: µm
Die Height: 200±15 µm
100
220 ± 25
LASER COMPONENTS GmbH
Werner-von-Siemens-Str. 15, 82140 Olching, Germany, Phone: +49 8142 2864 0, Fax: +49 8142 2864 11, info@lasercomponents.com


유사한 부품 번호 - SM67-3N001

제조업체부품명데이터시트상세설명
logo
M.S. Kennedy Corporatio...
SM6701 MSK-SM6701 Datasheet
96Kb / 1P
   Linear LED Driver With Adjustable Current Up to 180mA
logo
SamHop Microelectronics...
SM6701 SAMHOP-SM6701 Datasheet
96Kb / 1P
   Linear LED Driver With Adjustable Current Up to 180mA
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
   PFM Step-up DC/DC Converter
SM6702-24HA NPC-SM6702-24HA Datasheet
116Kb / 10P
   PFM Step-up DC/DC Converter
SM6702-27HA NPC-SM6702-27HA Datasheet
116Kb / 10P
   PFM Step-up DC/DC Converter
More results

유사한 설명 - SM67-3N001

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
V105Q131A-940 OSRAM-V105Q131A-940 Datasheet
1Mb / 19P
   940 nm Multi-Mode VCSEL Power Array
logo
Zarlink Semiconductor I...
PX6410 ZARLINK-PX6410 Datasheet
550Kb / 3P
   Multi-Rate VCSEL Driver
PX5410 ZARLINK-PX5410 Datasheet
520Kb / 3P
   Multi-Rate VCSEL Driver
logo
KODENSHI_AUK CORP.
KCX-T46-85DA KODENSHI-KCX-T46-85DA Datasheet
116Kb / 1P
   Single mode 850 VCSEL
logo
Sony Corporation
SLD1332V SONY-SLD1332V Datasheet
81Kb / 3P
   670nm, 500mW LASER DIODE
logo
OSRAM GmbH
V105Q121A-940 OSRAM-V105Q121A-940 Datasheet
1Mb / 20P
   940 nm Multi-Mode VCSEL Power Array Designed for Sensor Field of Interest
logo
Texas Instruments
ONET4291VA TI-ONET4291VA Datasheet
515Kb / 20P
[Old version datasheet]   1 GBPS TO 4.25 GBPS MULTI-RATE VCSEL DRIVER
logo
Finisar Corporation.
HFE4093-332 FINISAR-HFE4093-332 Datasheet
119Kb / 6P
   850nm Single Mode VCSEL TO-46 Package
logo
Pulse A Technitrol Comp...
WC707 PULSE-WC707 Datasheet
617Kb / 4P
   Multi-Layer Common Mode Chip Choke
logo
OPLINK Communications I...
DTR1250-MM-LS-MR OPLINK-DTR1250-MM-LS-MR Datasheet
113Kb / 6P
   VCSEL Transceivers
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com