전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

K0333-K60 데이터시트(PDF) 12 Page - List of Unclassifed Manufacturers

부품명 K0333-K60
상세설명  Multilayer Chip Capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

K0333-K60 데이터시트(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button K0333-K60 Datasheet HTML 8Page - List of Unclassifed Manufacturers K0333-K60 Datasheet HTML 9Page - List of Unclassifed Manufacturers K0333-K60 Datasheet HTML 10Page - List of Unclassifed Manufacturers K0333-K60 Datasheet HTML 11Page - List of Unclassifed Manufacturers K0333-K60 Datasheet HTML 12Page - List of Unclassifed Manufacturers K0333-K60 Datasheet HTML 13Page - List of Unclassifed Manufacturers K0333-K60 Datasheet HTML 14Page - List of Unclassifed Manufacturers K0333-K60 Datasheet HTML 15Page - List of Unclassifed Manufacturers K0333-K60 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
38
Siemens Matsushita Components
Chip thickness: r: 0,8
± 0,1 mm x: 1,2 ± 0,1 mm
Ordering codes for X7R/B characteristic, 100 Vdc, AgNiSn terminations (cont´d)
Size
0603/1608
0805/2012
1206/3216
1210/3225
CR
Ordering code 1)
B37931-
B37941-
B37872-
B37950-
56,0 nF
68,0 nF
82,0 nF
100,0 nF
120,0 nF
150,0 nF
-K1563-K62
-K1683-K62
-K1823-K62
-K1104-K62
x
x
x
x
-K1563-K62
-K1683-K62
-K1823-K62
-K1104-K62
-K1124-K62
-K1154-K62
r
r
r
r
x
x
1) The tables contain the ordering codes for the standard capacitance tolerance:
K =
± 10 %. Example: B37872-K1563-K62
For other available capacitance tolerances see page 27


유사한 부품 번호 - K0333-K60

제조업체부품명데이터시트상세설명
logo
Toppower Electronic Tec...
K0305 TOPPOWER-K0305 Datasheet
640Kb / 3P
   3W 3KVDC Isolated Single And Dual Output DC/DC Converters
K0305 TOPPOWER-K0305 Datasheet
402Kb / 3P
   3W 3KVDC Isolated Single And Dual Output DC/DC Converters
logo
Renesas Technology Corp
K0353 RENESAS-K0353 Datasheet
143Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
K0355 RENESAS-K0355 Datasheet
106Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
K0355 RENESAS-K0355 Datasheet
100Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
More results

유사한 설명 - K0333-K60

제조업체부품명데이터시트상세설명
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
TDK Electronics
C0402JB1A222K020BC TDK-C0402JB1A222K020BC_13 Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0402JB1C331M020BC TDK-C0402JB1C331M020BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X5R1E331K030BA TDK-C0603X5R1E331K030BA Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G154M030BB TDK-C0603X6S0G154M030BB Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G223K030BC TDK-C0603X6S0G223K030BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G334K030BC TDK-C0603X6S0G334K030BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G334M030BC TDK-C0603X6S0G334M030BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C1005C0G1H121J050BA TDK-C1005C0G1H121J050BA_16 Datasheet
130Kb / 1P
   Multilayer Ceramic Chip Capacitors
C1005C0G1H221J050BA TDK-C1005C0G1H221J050BA_16 Datasheet
131Kb / 1P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com