전자부품 데이터시트 검색엔진 |
|
SM4T22C 데이터시트(PDF) 3 Page - STMicroelectronics |
|
SM4T22C 데이터시트(HTML) 3 Page - STMicroelectronics |
3 / 7 page 143 Note 1 : Note 2 : Note 3 : Note 4 : For surges greater than the maximum values, the diode will present a short-circuit Anode - Cathode. Pulse test: TP < 50 ms. ∆VBR = αT * (Ta - 25) * VBR(25°C). VR = 0 V, F = 1 MHz. For bidirectional types, capacitance value is divided by 2. All parameters tested at 25 °C, except where indicated. * = Marking 0 0% 20 40 60 80 100 % % % % % 20 40 60 80 100 120 140 160 180 200 Tamb (˚c) Peak Power (on printed circuit). Average Power (on infinite heatsink). Figure 1: Power dissipation derating versus ambient temperature 10 s 1000 s %I PP 50 0 t PULSE WAVEFORM 10/1000 s 100 TYPES IRM @ VRM VBR @ IR VCL @ IPP VCL @ IPP αTC max min nom max max max max typ note2 10/1000 µs8/20µs note3 note4 Uni directional * Bi directional * µA V V V V mA VA VA 10-4/ °C(PF) SM4T68 SM4T68A SM4T100 SM4T100A SM4T150 SM4T150A SM4T200 SM4T200A SM4T220 SM4T220A SN SP SW SX TH TK TS TT TU TV SM4T68C SM4T68CA SM4T100C SM4T100CA SM4T150C SM4T150CA SM4T200C SM4T200CA SM4T220C SM4T220CA WN WP WW WX XH XK XS XT XU XV 5 5 5 5 5 5 5 5 5 5 58.1 58.1 85.5 85.5 128 128 171 171 188 188 64.6 64.6 95.0 95.0 143 143 190 190 209 209 68 68 100 100 150 150 200 200 220 220 74.8 71.4 110 105 165 158 220 210 242 231 1 1 1 1 1 1 1 1 1 1 92 92 137 137 207 207 274 274 328 328 4.3 4.3 2.9 2.9 2.0 2.0 1.5 1.5 1.4 1.4 121 121 178 178 265 265 353 353 388 388 19 19 13 13 9 9 6.5 6.5 6 6 10.4 10.4 10.6 10.6 10.8 10.8 10.8 10.8 10.8 10.8 270 270 200 200 145 145 120 120 110 110 SM4Txx 3/7 |
유사한 부품 번호 - SM4T22C |
|
유사한 설명 - SM4T22C |