전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ULN2077B 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 ULN2077B
상세설명  80 V - 1.5 A QUAD DARLINGTON SWITCHES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ULN2077B 데이터시트(HTML) 5 Page - STMicroelectronics

  ULN2077B Datasheet HTML 1Page - STMicroelectronics ULN2077B Datasheet HTML 2Page - STMicroelectronics ULN2077B Datasheet HTML 3Page - STMicroelectronics ULN2077B Datasheet HTML 4Page - STMicroelectronics ULN2077B Datasheet HTML 5Page - STMicroelectronics ULN2077B Datasheet HTML 6Page - STMicroelectronics ULN2077B Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MOUNTING INSTRUCTIONS
The Rth j-amb can be reduced by soldering the GND
pins to a suitable copper area of the printed circuit
board (Fig. 12) or to an external heatsink (Fig. 13).
The diagram of figure 14 shows the maximum dis-
sipable power Ptot and the Rth j-amb as a function of
the side "
∝" of two equal square copper areas hav-
ing a thickness of 35
µ (1.4 mils).
During soldering the pins temperature must not ex-
ceed 260
°C and the soldering time must not be
longer than 12 seconds.
The external heatsink or printed circuit copper area
must be connected to electrical ground.
Figure 12 : Example of P.C. Board Area which is
Used as Heatsink.
Figure 13 : External Heatsink Mounting Example.
Figure 14 : Maximum Dissipable Power and Junc-
tion to Ambient Thermal Resistance
vs. Side "I".
Figure 15 : Maximum Allowable Power Dissipa-
tion vs. Ambient Temperature.
ULN2065B-ULN2067B-ULN2069B-ULN2071B-ULN2075B-ULN2077B
5/7


유사한 부품 번호 - ULN2077B

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
ULN2077B STMICROELECTRONICS-ULN2077B Datasheet
133Kb / 7P
   80 V - 1.5 A QUAD DARLINGTON SWITCHES
More results

유사한 설명 - ULN2077B

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
ULN2065B-ULN2067B STMICROELECTRONICS-ULN2065B-ULN2067B Datasheet
133Kb / 7P
   80 V - 1.5 A QUAD DARLINGTON SWITCHES
ULN2064B STMICROELECTRONICS-ULN2064B Datasheet
279Kb / 14P
   50 V - 1.5 A quad Darlington switches
logo
Allegro MicroSystems
2064 ALLEGRO-2064 Datasheet
203Kb / 12P
   QUAD 1.5 A DARLINGTON SWITCHES
logo
Motorola, Inc
ULN2068 MOTOROLA-ULN2068 Datasheet
125Kb / 6P
   QUAD 1.5 A DARLINGTON SWITCH
logo
Allegro MicroSystems
ULS-2064H ALLEGRO-ULS-2064H Datasheet
1Mb / 12P
   1.25 A QUAD DARLINGTON SWITCHES
logo
STMicroelectronics
L6220 STMICROELECTRONICS-L6220 Datasheet
231Kb / 12P
   QUAD DARLINGTON SWITCHES
ULN2064B STMICROELECTRONICS-ULN2064B_03 Datasheet
1,009Kb / 8P
   50V - 1.5A QUAD DARLINGTON SWITCHES
logo
Allegro MicroSystems
2878 ALLEGRO-2878 Datasheet
222Kb / 8P
   QUAD HIGH-CURRENT DARLINGTON SWITCHES
logo
STMicroelectronics
ULN2064B-ULN2066B STMICROELECTRONICS-ULN2064B-ULN2066B Datasheet
98Kb / 8P
   50V - 1.5A QUAD DARLINGTON SWITCHES
logo
Analog Devices
ADG1411 AD-ADG1411_15 Datasheet
295Kb / 16P
   1.5 On Resistance, 15 V/12 V/5 V, iCMOS, Quad SPST Switches
REV. B
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com