전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK14CA8-RF25ITR 데이터시트(PDF) 2 Page - Simtek Corporation

부품명 STK14CA8-RF25ITR
상세설명  128Kx8 Autostore nvSRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIMTEK [Simtek Corporation]
홈페이지  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK14CA8-RF25ITR 데이터시트(HTML) 2 Page - Simtek Corporation

  STK14CA8-RF25ITR Datasheet HTML 1Page - Simtek Corporation STK14CA8-RF25ITR Datasheet HTML 2Page - Simtek Corporation STK14CA8-RF25ITR Datasheet HTML 3Page - Simtek Corporation STK14CA8-RF25ITR Datasheet HTML 4Page - Simtek Corporation STK14CA8-RF25ITR Datasheet HTML 5Page - Simtek Corporation STK14CA8-RF25ITR Datasheet HTML 6Page - Simtek Corporation STK14CA8-RF25ITR Datasheet HTML 7Page - Simtek Corporation STK14CA8-RF25ITR Datasheet HTML 8Page - Simtek Corporation STK14CA8-RF25ITR Datasheet HTML 9Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
Jan, 2008
Document Control #ML0022 Rev 2.1
STK14CA8
PACKAGES
PIN DESCRIPTIONS
Pin Name
I/O
Description
A16-A0
Input
Address: The 17 address inputs select one of 131,072 bytes in the nvSRAM array
DQ7-DQ0
I/O
Data: Bi-directional 8-bit data bus for accessing the nvSRAM
E
Input
Chip Enable: The active low E input selects the device
W
Input
Write Enable: The active low W enables data on the DQ pins to be written to the address
location latched by the falling edge of E
G
Input
Output Enable: The active low G input enables the data output buffers during read cycles.
De-asserting G high caused the DQ pins to tri-state.
VCC
Power Supply
Power: 3.0V, +20%, -10%
HSB
I/O
Hardware Store Busy: When low this output indicates a Store is in progress. When pulled
low external to the chip, it will initiate a nonvolatile STORE operation. A weak pull up resistor
keeps this pin high if not connected. (Connection Optional).
VCAP
Power Supply
Autostore Capacitor: Supplies power to nvSRAM during power loss to store data from
SRAM to nonvolatile storage elements.
VSS
Power Supply
Ground
NC
No Connect
Unlabeled pins have no internal connections.
Relative PCB area usage.
See page 17 for detailed package
size specifications.
48-Pin SSOP
32-Pin SOIC
VSS
A14
A12
A7
A6
DQ0
DQ1
VCC
DQ2
A3
A2
A1
VCAP
A13
A8
A9
A11
A10
DQ7
DQ6
VSS
A0
NC
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
NC
NC
NC
23
24
A5
NC
NC
NC
NC
NC
NC
A4
48
47
46
45
VCC
HSB
NC
NC
W
NC
NC
DQ5
DQ3
DQ4
G
E
A16
A15
A16
A14
A12
A7
DQ0
DQ1
DQ2
A4
A2
A1
VCAP
A13
A8
A9
A11
A10
DQ7
DQ6
VSS
A0
28
27
26
25
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A6
A3
A5
32
31
30
29
VCC
HSB
W
DQ5
DQ3
DQ4
G
E
A15


유사한 부품 번호 - STK14CA8-RF25ITR

제조업체부품명데이터시트상세설명
logo
Simtek Corporation
STK14CA8-RF25ITR SIMTEK-STK14CA8-RF25ITR Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14CA8-RF25ITR CYPRESS-STK14CA8-RF25ITR Datasheet
505Kb / 16P
   128Kx8 AutoStore nvSRAM
More results

유사한 설명 - STK14CA8-RF25ITR

제조업체부품명데이터시트상세설명
logo
Simtek Corporation
STK14CA8 SIMTEK-STK14CA8 Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14CA8 CYPRESS-STK14CA8 Datasheet
505Kb / 16P
   128Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK17TA8 SIMTEK-STK17TA8 Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
STK17TA8 SIMTEK-STK17TA8_08 Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK12C68 SIMTEK-STK12C68 Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com