전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK14CA8-RF35ITR 데이터시트(PDF) 5 Page - Simtek Corporation

부품명 STK14CA8-RF35ITR
상세설명  128Kx8 Autostore nvSRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIMTEK [Simtek Corporation]
홈페이지  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK14CA8-RF35ITR 데이터시트(HTML) 5 Page - Simtek Corporation

  STK14CA8-RF35ITR Datasheet HTML 1Page - Simtek Corporation STK14CA8-RF35ITR Datasheet HTML 2Page - Simtek Corporation STK14CA8-RF35ITR Datasheet HTML 3Page - Simtek Corporation STK14CA8-RF35ITR Datasheet HTML 4Page - Simtek Corporation STK14CA8-RF35ITR Datasheet HTML 5Page - Simtek Corporation STK14CA8-RF35ITR Datasheet HTML 6Page - Simtek Corporation STK14CA8-RF35ITR Datasheet HTML 7Page - Simtek Corporation STK14CA8-RF35ITR Datasheet HTML 8Page - Simtek Corporation STK14CA8-RF35ITR Datasheet HTML 9Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
STK14CA8
5
Jan, 2008
Document Control #ML0022 Rev 2.1
SRAM READ CYCLES #1 & #2
Note c:
W must be high during SRAM READ cycles.
Note d:
Device is continuously selected with E and G both low
Note e:
Measured
± 200mV from steady state output voltage.
Note f:
HSB must remain high during READ and WRITE cycles.
SRAM READ CYCLE #1: Address Controlledc,d,f
SRAM READ CYCLE #2: E and G Controlledc,f
NO.
SYMBOLS
PARAMETER
STK14CA8-25
STK14CA8-35
STK14CA8-45
UNITS
#1
#2
Alt.
MIN
MAX
MIN
MAX
MIN
MAX
1
tELQV
tACS
Chip Enable Access Time
25
35
45
ns
2
tAVAV
c
tELEH
c
tRC
Read Cycle Time
25
35
45
ns
3
tAVQV
d
tAVQV
d
tAA
Address Access Time
25
35
45
ns
4
tGLQV
tOE
Output Enable to Data Valid
12
15
20
ns
5
tAXQX
d
tAXQX
d
tOH
Output Hold after Address Change
3
3
3
ns
6
tELQX
tLZ
Address Change or Chip Enable to
Output Active
3
3
3
ns
7
tEHQZ
e
tHZ
Address Change or Chip Disable to
Output Inactive
10
13
15
ns
8
tGLQX
tOLZ
Output Enable to Output Active
0
0
0
ns
9
tGHQZ
e
tOHZ
Output Disable to Output Inactive
10
13
15
ns
10
tELICCH
b
tPA
Chip Enable to Power Active
0
0
0
ns
11
tEHICCL
b
tPS
Chip Disable to Power Standby
25
35
45
ns
DATA VALID
5
tAXQX
3
tAVQV
DQ (DATA OUT)
ADDRESS
2
tAVAV
6
tELQ X
ST AND BY
DAT A VAL ID
4
tGL QV
DQ (D ATA OUT)
E
ADDR ESS
G
ICC
AC T IVE
10
tELI CC H
11
tEHI CC L
7
tEHQ Z
8
tGL QX
1
tEL Q V
9
tGH Q Z
2
tELEH
29
tEHAX
3
tAV QV
27


유사한 부품 번호 - STK14CA8-RF35ITR

제조업체부품명데이터시트상세설명
logo
Simtek Corporation
STK14CA8-RF35ITR SIMTEK-STK14CA8-RF35ITR Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14CA8-RF35ITR CYPRESS-STK14CA8-RF35ITR Datasheet
505Kb / 16P
   128Kx8 AutoStore nvSRAM
More results

유사한 설명 - STK14CA8-RF35ITR

제조업체부품명데이터시트상세설명
logo
Simtek Corporation
STK14CA8 SIMTEK-STK14CA8 Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14CA8 CYPRESS-STK14CA8 Datasheet
505Kb / 16P
   128Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK17TA8 SIMTEK-STK17TA8 Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
STK17TA8 SIMTEK-STK17TA8_08 Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK12C68 SIMTEK-STK12C68 Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com