전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSD55N03 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 SSD55N03
상세설명  N-Channel Enhancement Mode Power Mos.FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

SSD55N03 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  SSD55N03 Datasheet HTML 1Page - List of Unclassifed Manufacturers SSD55N03 Datasheet HTML 2Page - List of Unclassifed Manufacturers SSD55N03 Datasheet HTML 3Page - List of Unclassifed Manufacturers SSD55N03 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Absolute Maximum Ratings
Drain-Source Voltage
0.5
215
5
5
35
62.5
-55~+150
Linear Derating Factor
Operating Junction and Storage Temperature Range
Tj, Tstg
Continuous Drain Current,VGS@10V
Continuous Drain Current,VGS@10V
Pulsed Drain Current
Total Power Dissipation
ID@TC=100
ID@TC=25
IDM
PD@TC=25
1
C
o
C
o
C
o
W/ C
C
o
o
Gate-Source Voltage
Parameter
Symbol
Ratings
Unit
A
V
V
A
A
W
VDS
VGS
25
± 20
Single Pulse Avalanche Energy
Avalanche Current
2
EAS
IAR
A
mJ
240
31
Thermal Data
Parameter
Symbol
Ratings
Unit
Thermal Resistance Junction-case
/W
C
Rthj-c
2.0
Thermal Resistance Junction-ambient
/W
C
Rthj-a
Max.
Max.
110
o
o
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of 4
Description
The SSD55N03 provide the designer with the best combination
Features
The TO-252 is universally preferred for all commercial-industrial
surface mount applications and
suited for low voltage applications
of fast switching, ruggedized device design, low on-resistance
and cost-effectiveness.
such as DC/DC converters.
TO-252
S
D
G
Elektronische Bauelemente
SSD55N03
55A, 25V,RDS(ON)6m
N-Channel Enhancement Mode Power Mos.FET
Ω
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.40
6.80
G
0.50
0.70
B
5.20
5.50
H
2.20
2.40
C
6.80
7.20
J
0.45
0.55
D
2.20
2.80
K
0
0.15
E
2.30 REF.
L
0.90
1.50
F
0.70
0.90
M
5.40
5.80
S
0.60
0.90
R
0.80
1.20
*
Repetitive Avalanche Rated
* Dynamic dv/dt Rating
*
Simple Drive Requirement
*
Fast Switching
RoHS Compliant Product


유사한 부품 번호 - SSD55N03

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SSD55N03 SECOS-SSD55N03 Datasheet
793Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SSD55N03 SECOS-SSD55N03_11 Datasheet
790Kb / 4P
   55A, 25V, RDS(ON) 6m N-Ch Enhancement Mode Power MOSFET
More results

유사한 설명 - SSD55N03

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SID3055 SECOS-SID3055_15 Datasheet
1Mb / 6P
   N-Channel Enhancement Mode Power Mos.FET
SST2604 SECOS-SST2604_15 Datasheet
857Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SSD40N03 SECOS-SSD40N03 Datasheet
1Mb / 5P
   N-Channel Enhancement Mode Power Mos.FET
SSE9973 SECOS-SSE9973 Datasheet
852Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SSG4424 SECOS-SSG4424 Datasheet
378Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SSG9973 SECOS-SSG9973 Datasheet
342Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SSM2310 SECOS-SSM2310 Datasheet
896Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SSM9973 SECOS-SSM9973 Datasheet
478Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
STT8205S SECOS-STT8205S Datasheet
698Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SMG138K SECOS-SMG138K Datasheet
307Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SMG2300 SECOS-SMG2300 Datasheet
472Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com