전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

GSWA-4-30DR 데이터시트(Datasheet) 2 Page - Mini-Circuits

부품명 GSWA-4-30DR
상세내용  SWITCHES GAAS SP4T WITH TTL Drivers DC to 3 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  MINI [Mini-Circuits]
홈페이지  http://www.minicircuits.com
Logo 

   
 2 page
background image
The Design Engineers Search Engine
Provides Actual Data Instantly
At:
http://www.minicircuits.com
In Stock... Immediate Delivery
For Custom Versions Of Standard Models
Consult Our Applications Dept.
Mini-Circuits
®
®
additional specifications, all models
Model Series
ZFSW, ZFSWA
ZYSW, ZYSWA
GSWA/ZSWA
Control Voltage
-8/0 for compression spec,
0/5.5, max.
0/ 5.5
-8 to -5/0 for all other specs
Low Threshold, max.
0.8
0.8
High Threshold, min.
3.5
3.5
Control Current, mA
2.5 typ. at -8V
High V: 2 typ., 5 max.
High V: 0.2 max
Low V:0.2 max.
Low V: 0.02 max
Positive Supply V.
none
+5 +0.5/-0.1
+5±0.5
Negative Supply V.
none
-5 -0.5/+0.1
-5±0.25
Positive Supply Current, mA
n/a
20 max.
4 max.
Negative Supply Current, mA
n/a
20 max.
20 max.
VSWR(:1)
1.3 typ.
1.28 typ., ON
1.4 typ., 2.0 max. DC to 3 GHz
1.24 typ., OFF
2.5 max. 3 to 5 GHz
DC-2GHz
Rise/ Fall time (10% - 90%), ns
2 typ.
6 typ., 12 max.
25 typ.
Switching time, 50% of Control to
90% RF (Turn-on), ns
20 typ., 40 max.
45 typ.
10% RF (Turn-off), ns
**Video Leakage, mVp-p
30 typ.
30 typ.
30 typ.
0/-5V Control
Temperature, °C
operating
-55 to 100
-20 to 85
-30 to 85
storage
-55 to 150
-55 to 100
-55 to 100
MTBF, hrs @85°C case
30X106
219
ZFSW, ZFSWA:
A = DC to 200MHz
B = 200MHz to 1000MHz
C = 1000MHz to 4600MHz
ZYSW, ZYSWA:
A = DC to 500MHz
B = 500MHz to 2000MHz
C = 2000MHz to 5000MHz
ZFSWA
ZFSW
ZYSWA
ZYSW
** Video leakage or break through is defined as leakage of TTL switching signal to RF output ports.
Coaxial
SPDT With/ Without TTL Drivers DC to 5 GHz
v ZFSW-2-46
DC-4.6
l
0.9 1.1
1.0
1.3
1.3
1.8
H
10
17
27
60
50
50
40
40
28
G144
ej
79.95
v ZFSWA-2-46
DC-4.6
l
0.8 1.1
0.9
1.3
1.5
2.6
10
17
27
60
45
50
40
30
25
G144
ej
89.95
v ZYSW-2-50DR
DC-5
ll
0.9 1.5
1.3
1.7
2.1
20
15
23
19
21.0
18
44
38
38
28
20
ZZ121
eg
59.95
v ZYSWA-2-50DR
DC-5
ll
1.1 1.5
1.4
1.9
1.9
18
13
20
17
22.5
20
42
38
31
27
20
19
ZZ121
eg
69.95
FREQ.
(GHz)
MODEL
NO.
C
O
N
N
E
C
T
I
O
N
CASE
STYLE
Qty.
(1-9)
PRICE
$
Note B
f
L - fU
INSERTION LOSS
(dB)
A
Typ. Max.
B
Typ. Max.
C
Typ. Max.
1 dB COMPRESSION
(dBm)
frequency band
frequency band
IN-OUT ISOLATION
(dB)
frequency band
A
Typ. Min.
B
Typ. Min.
C
Typ. Min.
A
Typ. Min.
B
Typ. Min.
C
Typ. Min.
NSN GUIDE
MCL NO.
NSN
ZYSW-2-50DR
5895-01-464-8969
ZYSWA-2-50DR
5895-01-467-3232




Html 페이지

1  2 


데이터시트



관련 부품명

부품명상세내용Html View제조사
MASWML025SP4T Reflective Switch with TTL Compatible Driver 0.5 to 18.0 GHz 1 Tyco Electronics
MASW-007073-000100GaAs SP4T Absorptive Switch with ASIC Driver DC-3.0 GHz 1 2 3 4 Tyco Electronics
AS204-80_07GaAs IC SP4T Nonreflective Switch With Driver 300 kHz-3.5 GHz 1 2 3 4 Skyworks Solutions Inc.
SW-369-PINMatched GaAs SP4T Switch 0.02 - 2 GHz 1 2 3 Tyco Electronics
AS192-000PHEMT GaAs IC High-Power SP4T Switch 0.1-2.5 GHz 1 2 3 4 Skyworks Solutions Inc.
HMC244G16_06GaAs MMIC SP4T NON-REFLECTIVE SWITCH DC - 4.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
MASWML013SPDT Reflective Switch with TTL Compatible Driver 6.4 to 18.0 GHz 1 Tyco Electronics
AM55-0003250 mW Power Amplifier with T/R and Diversity Switches 2.4 - 2.5 GHz 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AA107-310GaAs IC 5-Bit Digital Attenuator with Serial-to-Parallel Driver 300 kHz-2 GHz 1 2 3 4 5 MoreSkyworks Solutions Inc.
MASWML014SPDT Reflective Miniature Switch with TTL Compatible Driver 6.0 to 12.0 GHz 1 Tyco Electronics

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl