전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC13111BFTA 데이터시트(PDF) 9 Page - Motorola, Inc

부품명 MC13111BFTA
상세설명  UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13111BFTA 데이터시트(HTML) 9 Page - Motorola, Inc

Back Button MC13111BFTA Datasheet HTML 5Page - Motorola, Inc MC13111BFTA Datasheet HTML 6Page - Motorola, Inc MC13111BFTA Datasheet HTML 7Page - Motorola, Inc MC13111BFTA Datasheet HTML 8Page - Motorola, Inc MC13111BFTA Datasheet HTML 9Page - Motorola, Inc MC13111BFTA Datasheet HTML 10Page - Motorola, Inc MC13111BFTA Datasheet HTML 11Page - Motorola, Inc MC13111BFTA Datasheet HTML 12Page - Motorola, Inc MC13111BFTA Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
MC13110A/B MC13111A/B
9
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (continued) (VCC = 3.6 V, VB = 1.5 V, TA = 25°C, Active or Rx Mode, unless otherwise specified;
Test Circuit Figure 1.)
Characteristic
Unit
Max
Typ
Min
Symbol
Measure
Pin
Input
Pin
Figure
LOW BATTERY DETECT
Output Low Voltage (Vin = 1.0 V)
1
Ref1
Ref2
BD1 Out
BD2 Out
VOL
0.2
0.4
V
BATTERY DETECT INTERNAL THRESHOLD
After Electronic Adjustment of VB Voltage
1, 128
VCC Audio
BD2 Out
V
BD Select = (111)
CC
IBS7
3.381
3.455
3.529
BD Select = (110)
IBS6
3.298
3.370
3.442
BD Select = (101)
IBS5
3.217
3.287
3.357
BD Select = (100)
IBS4
3.134
3.202
3.270
BD Select = (011)
IBS3
2.970
3.034
3.098
BD Select = (010)
IBS2
2.886
2.948
3.010
BD Select = (001)
IBS1
2.802
2.862
2.922
PLL PHASE DETECTOR
Output Source Current
(VPD = Gnd + 0.5 V to PLL Vref – 0.5 V)
Rx PD
Tx PD
IOH
1.0
mA
Output Sink Current
(VPD = Gnd + 0.5 V to PLL Vref – 0.5 V)
Rx PD
Tx PD
IOL
1.0
mA
PLL LOOP CHARACTERISTICS
Maximum 2nd LO Frequency
(No Crystal)
LO2 In
f2ext
12
MHz
Maximum 2nd LO Frequency
(With Crystal)
LO2 In
LO2 Out
f2ext
12
MHz
Maximum Tx VCO (Input Frequency),
Vin = 200 mVpp
Tx VCO
ftxmax
80
MHz
PLL VOLTAGE REGULATOR
Regulated Output Level (IL = 0 mA, after Vref
Adjustment)
1
PLL Vref
VO
2.4
2.5
2.6
V
Line Regulation (IL = 0 mA, VCC = 3.0 to 5.5 V)
1
VCC Audio
PLL Vref
VRegLine
11.8
40
mV
Load Regulation (IL = 1.0 mA)
1
VCC Audio
PLL Vref
VReg
Load
–20
–1.4
mV
MICROPROCESSOR SERIAL INTERFACE
Input Current Low (Vin = 0.3 V, Standby Mode)
1
Data,
Clk, EN
IIL
–5.0
0.4
µA
Input Current High (Vin = 3.3 V, Standby Mode)
1
Data,
Clk, EN
IIH
1.6
5.0
µA
Hysteresis Voltage
Data,
Clk, EN
Vhys
1.0
V
Maximum Clock Frequency
Data,
EN, Clk
2.0
MHz
Input Capacitance
Data,
Clk, EN
Cin
8.0
pF
EN to Clk Setup Time
106
EN, Clk
tsuEC
200
ns
Data to Clk Setup Time
105
Data, Clk
tsuDC
100
ns
Hold Time
105
Data, Clk
th
90
ns
Recovery Time
106
EN, Clk
trec
90
ns
Input Pulse Width
EN, Clk
tw
100
ns
MPU Interface Power–Up Delay (90% of PLL Vref
to Data,Clk, EN)
108
tpuMPU
100
µs


유사한 부품 번호 - MC13111BFTA

제조업체부품명데이터시트상세설명
logo
DENSEI-LAMBDA
MC1310 LAMBDA-MC1310 Datasheet
1Mb / 4P
   MC13-SERIES
logo
Motorola, Inc
MC13104 MOTOROLA-MC13104 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13104D MOTOROLA-MC13104D Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13105 MOTOROLA-MC13105 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13105D MOTOROLA-MC13105D Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
More results

유사한 설명 - MC13111BFTA

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
MC13109A MOTOROLA-MC13109A Datasheet
741Kb / 28P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
logo
List of Unclassifed Man...
PCT14 ETC1-PCT14 Datasheet
396Kb / 11P
   Cordless Telephone Handest Subsystem
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
   Cordless Universal Telephone Interface
logo
NXP Semiconductors
UAA2062 PHILIPS-UAA2062 Datasheet
170Kb / 40P
   Analog cordless telephone IC
2000 Aug 10
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
   Cordless Telephone Speech Network IC
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
   Cordless Telephone Speech Network IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
   SINGLE CHIP CORDLESS TELEPHONE IC
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
   COMPANDER IC FOR CORDLESS TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
   Single-chip Cordless Telephone IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com