전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC13110AFTA 데이터시트(PDF) 6 Page - Motorola, Inc

부품명 MC13110AFTA
상세설명  UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13110AFTA 데이터시트(HTML) 6 Page - Motorola, Inc

Back Button MC13110AFTA Datasheet HTML 2Page - Motorola, Inc MC13110AFTA Datasheet HTML 3Page - Motorola, Inc MC13110AFTA Datasheet HTML 4Page - Motorola, Inc MC13110AFTA Datasheet HTML 5Page - Motorola, Inc MC13110AFTA Datasheet HTML 6Page - Motorola, Inc MC13110AFTA Datasheet HTML 7Page - Motorola, Inc MC13110AFTA Datasheet HTML 8Page - Motorola, Inc MC13110AFTA Datasheet HTML 9Page - Motorola, Inc MC13110AFTA Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
MC13110A/B MC13111A/B
6
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (continued) (VCC = 3.6 V, VB = 1.5 V, TA = 25°C, Active or Rx Mode, unless otherwise specified;
Test Circuit Figure 1.)
Characteristic
Unit
Max
Typ
Min
Symbol
Measure
Pin
Input
Pin
Figure
Rx AUDIO PATH (fin = 1.0 kHz, Active Mode, scrambler bypassed)
Absolute Gain (Vin = – 20 dBV)
1, 72
Rx Audio In
SA Out
G
–4.0
0
4.0
dB
Gain Tracking
(Referenced to E Out for Vin = –20 dBV)
1, 76
E In
E Out
Gt
dB
Vin = – 30 dBV
–21
–20
–19
Vin = – 40 dBV
–42
–40
–38
Total Harmonic Distortion (Vin = – 20 dBV)
1, 76
Rx Audio In
SA Out
THD
0.7
1.0
%
Maximum Input Voltage (VCC = 2.7 V)
76
Rx Audio In
–11.5
dBV
Maximum Output Voltage (Increase input voltage
until output voltage THD = 5.0%, then measure
output voltage)
1
E In
E Out
VOmax
–2.0
0
dBV
Input Impedance
Rx Audio In
EI
Zin
600
75
k
pp
x
E In
in
7.5
Attack Time
Ecap = 0.5 µF, Rfilt = 40 k (See Appendix B)
E In
E Out
ta
3.0
ms
Release Time
Ecap = 0.5 µF, Rfilt = 40 k (See Appendix B)
E In
E Out
tr
13.5
ms
Compressor to Expander Crosstalk
Vin = –10 dBV, V(E In) = AC Gnd
1
C In
E Out
CT
–90
–70
dB
Rx Muting (∆ Gain)
Vin = –20 dBV, Rx Gain Adj = (01111)
1
Rx Audio In
E Out
Me
–84
–60
dB
Rx High Frequency Corner
Rx Path, V Rx Audio In = –20 dBV
1
Rx Audio In
Scr Out
Rx fch
3.779
3.879
3.979
kHz
Low Pass Filter Passband Ripple (Vin = –20 dBV)
1, 73
Rx Audio In
Scr Out
Ripple
0.4
0.6
dB
Rx Gain Adjust Range (Programmable through
MPU Interface)
125
Rx Audio In
Scr Out
Rx
Range
–9.0 to
10
dB
Rx Gain Adjust Steps – Number of
Programmable Levels
125
Rx Audio In
Scr Out
Rx n
20
dB
Audio Path Noise, C–Message Weighting
(Input AC–Grounded)
70
Rx Audio In
Scr Out
E Out
SA Out
EN
–85
<–95
<–95
dBV
Volume Control Adjust Range
123
E In
E Out
VcnRange
–14 to
16
dB
Volume Control – Number of Programmable
Levels
123
E In
E Out
Vcn
16
SPEAKER AMP/SP MUTE (Active Mode)
Maximum Output Swing
RL = No Load, Vin = 3.4 Vpp
RL = 130 Ω, Vin = 2.8 Vpp
RL = 620 Ω, Vin = 4.0 Vpp
1, 79
SA In
SA Out
VOmax
2.8
2.0
3.2
2.6
3.4
Vpp
Speaker Amp Muting
Vin = –20 dBV, RL = 130 Ω
1
SA In
SA Out
Msp
–92
–60
dB


유사한 부품 번호 - MC13110AFTA

제조업체부품명데이터시트상세설명
logo
DENSEI-LAMBDA
MC1310 LAMBDA-MC1310 Datasheet
1Mb / 4P
   MC13-SERIES
logo
Motorola, Inc
MC13104 MOTOROLA-MC13104 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13104D MOTOROLA-MC13104D Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13105 MOTOROLA-MC13105 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13105D MOTOROLA-MC13105D Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
More results

유사한 설명 - MC13110AFTA

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
MC13109A MOTOROLA-MC13109A Datasheet
741Kb / 28P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
logo
List of Unclassifed Man...
PCT14 ETC1-PCT14 Datasheet
396Kb / 11P
   Cordless Telephone Handest Subsystem
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
   Cordless Universal Telephone Interface
logo
NXP Semiconductors
UAA2062 PHILIPS-UAA2062 Datasheet
170Kb / 40P
   Analog cordless telephone IC
2000 Aug 10
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
   Cordless Telephone Speech Network IC
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
   Cordless Telephone Speech Network IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
   SINGLE CHIP CORDLESS TELEPHONE IC
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
   COMPANDER IC FOR CORDLESS TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
   Single-chip Cordless Telephone IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com