전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC13110AFTA 데이터시트(PDF) 11 Page - Motorola, Inc

부품명 MC13110AFTA
상세설명  UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13110AFTA 데이터시트(HTML) 11 Page - Motorola, Inc

Back Button MC13110AFTA Datasheet HTML 7Page - Motorola, Inc MC13110AFTA Datasheet HTML 8Page - Motorola, Inc MC13110AFTA Datasheet HTML 9Page - Motorola, Inc MC13110AFTA Datasheet HTML 10Page - Motorola, Inc MC13110AFTA Datasheet HTML 11Page - Motorola, Inc MC13110AFTA Datasheet HTML 12Page - Motorola, Inc MC13110AFTA Datasheet HTML 13Page - Motorola, Inc MC13110AFTA Datasheet HTML 14Page - Motorola, Inc MC13110AFTA Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
MC13110A/B MC13111A/B
11
MOTOROLA ANALOG IC DEVICE DATA
PIN FUNCTION DESCRIPTION
Pin
Symbol/
E
i
l
I
l Ci
i (52 Pi QFP)
Di
i
LQFP–48
QFP–52
Symbol/
Type
Equivalent Internal Circuit (52 Pin QFP)
Description
48
1
1
2
LO2 In
LO2 Out
LO2
Out
2
LO2
In
1
PLL
Vref
PLL
Vref
100
100
PLL
Vref
These pins form the PLL reference oscillator when
connected to an external parallel–resonant crystal
(10.24 MHz typical). The reference oscillator is
also the second Local Oscillator (LO2) for the RF
receiver. “LO2 In” may also serve as an input for
an externally generated reference signal which is
typically ac–coupled.
When the IC is set to the inactive mode, LO2 In is
internally pulled low to disable the oscillator. The
input capacitance to ground at each pin (LO2 In/
LO2 Out) is 3.0 pF.
2
3
Vag
Vag
3
PLL
Vref
VCC
Audio
30 k
Vag is the internal reference voltage for the
switched capacitor filter section. This pin must be
decoupled with a 0.1
µF capacitor.
3
4
Rx PD
(Output)
46
PLL
Vref
PLL
Vref
15
This pin is a tri–state voltage output of the Rx and
Tx Phase Detector. It is either “high”, “low”, or “high
impedance,” depending on the phase difference of
the phase detector input signals. During lock, very
narrow pulses with a frequency equal to the
5
6
Tx PD
(Output)
Rx PD,
Tx PD
4, 6
15
narrow pulses with a frequency equal to the
reference frequency are present. This pin drives
the external Rx and Tx PLL loop filters. Rx and Tx
PD outputs can sink or source 1.0 mA.
4
5
PLL Vref
PLL Vref
5
132 k
VCC
Audio
PLL Vref is a PLL voltage regulator output pin. An
internal voltage regulator provides a stable power
supply voltage for the Rx and Tx PLL’s and can
also be used as a regulated supply voltage for
other IC’s. It can source up to 1.0 mA externally.
Proper supply filtering is a must on this pin. PLL
Vref is pulled up to VCC audio for the standby and
inactive modes (Note 1).
6
7
Gnd PLL
Ground pin for digital PLL section of IC.
7
8
Tx VCO
(Input)
T
X VCO
8
PLL
Vref
1.0 k
PLL
Vref
Tx VCO is the transmit divide counter input which
is driven by an ac–coupled external transmit loop
VCO. The minimum signal level is 200 mVpp @
60.0 MHz. This pin also functions as the test mode
input for the counter tests.


유사한 부품 번호 - MC13110AFTA

제조업체부품명데이터시트상세설명
logo
DENSEI-LAMBDA
MC1310 LAMBDA-MC1310 Datasheet
1Mb / 4P
   MC13-SERIES
logo
Motorola, Inc
MC13104 MOTOROLA-MC13104 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13104D MOTOROLA-MC13104D Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13105 MOTOROLA-MC13105 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13105D MOTOROLA-MC13105D Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
More results

유사한 설명 - MC13110AFTA

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
MC13109A MOTOROLA-MC13109A Datasheet
741Kb / 28P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
logo
List of Unclassifed Man...
PCT14 ETC1-PCT14 Datasheet
396Kb / 11P
   Cordless Telephone Handest Subsystem
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
   Cordless Universal Telephone Interface
logo
NXP Semiconductors
UAA2062 PHILIPS-UAA2062 Datasheet
170Kb / 40P
   Analog cordless telephone IC
2000 Aug 10
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
   Cordless Telephone Speech Network IC
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
   Cordless Telephone Speech Network IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
   SINGLE CHIP CORDLESS TELEPHONE IC
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
   COMPANDER IC FOR CORDLESS TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
   Single-chip Cordless Telephone IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com