전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3S8730-IQN20-A2T 데이터시트(PDF) 96 Page - List of Unclassifed Manufacturers

부품명 LM3S8730-IQN20-A2T
상세설명  Microcontroller
Download  502 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

LM3S8730-IQN20-A2T 데이터시트(HTML) 96 Page - List of Unclassifed Manufacturers

Back Button LM3S8730-IQN20-A2T Datasheet HTML 92Page - List of Unclassifed Manufacturers LM3S8730-IQN20-A2T Datasheet HTML 93Page - List of Unclassifed Manufacturers LM3S8730-IQN20-A2T Datasheet HTML 94Page - List of Unclassifed Manufacturers LM3S8730-IQN20-A2T Datasheet HTML 95Page - List of Unclassifed Manufacturers LM3S8730-IQN20-A2T Datasheet HTML 96Page - List of Unclassifed Manufacturers LM3S8730-IQN20-A2T Datasheet HTML 97Page - List of Unclassifed Manufacturers LM3S8730-IQN20-A2T Datasheet HTML 98Page - List of Unclassifed Manufacturers LM3S8730-IQN20-A2T Datasheet HTML 99Page - List of Unclassifed Manufacturers LM3S8730-IQN20-A2T Datasheet HTML 100Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 502 page
background image
Register 22: Sleep Mode Clock Gating Control Register 1 (SCGC1), offset
0x114
This register controls the clock gating logic. Each bit controls a clock enable for a given interface,
function, or unit. If set, the unit receives a clock and functions. Otherwise, the unit is unclocked and
disabled (saving power). If the unit is unclocked, reads or writes to the unit will generate a bus fault.
The reset state of these bits is 0 (unclocked) unless otherwise noted, so that all functional units are
disabled. It is the responsibility of software to enable the ports necessary for the application. Note
that these registers may contain more bits than there are interfaces, functions, or units to control.
This is to assure reasonable code compatibility with other family and future parts. RCGC1 is the
clock configuration register for running operation, SCGC1 for Sleep operation, and DCGC1 for
Deep-Sleep operation. Setting the ACG bit in the Run-Mode Clock Configuration (RCC) register
specifies that the system uses sleep modes.
Sleep Mode Clock Gating Control Register 1 (SCGC1)
Base 0x400F.E000
Offset 0x114
Type R/W, reset 0x00000000
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
TIMER0
TIMER1
TIMER2
TIMER3
reserved
R/W
R/W
R/W
R/W
RO
RO
RO
RO
RO
RO
RO
RO
RO
RO
RO
RO
Type
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Reset
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
UART0
UART1
reserved
SSI0
reserved
I2C0
reserved
R/W
R/W
RO
RO
R/W
RO
RO
RO
RO
RO
RO
RO
R/W
RO
RO
RO
Type
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Reset
Description
Reset
Type
Name
Bit/Field
Software should not rely on the value of a reserved bit. To provide
compatibility with future products, the value of a reserved bit should be
preserved across a read-modify-write operation.
0
RO
reserved
31:20
Timer 3 Clock Gating Control
This bit controls the clock gating for General-Purpose Timer module 3.
If set, the unit receives a clock and functions. Otherwise, the unit is
unclocked and disabled. If the unit is unclocked, reads or writes to the
unit will generate a bus fault.
0
R/W
TIMER3
19
Timer 2 Clock Gating Control
This bit controls the clock gating for General-Purpose Timer module 2.
If set, the unit receives a clock and functions. Otherwise, the unit is
unclocked and disabled. If the unit is unclocked, reads or writes to the
unit will generate a bus fault.
0
R/W
TIMER2
18
Timer 1 Clock Gating Control
This bit controls the clock gating for General-Purpose Timer module 1.
If set, the unit receives a clock and functions. Otherwise, the unit is
unclocked and disabled. If the unit is unclocked, reads or writes to the
unit will generate a bus fault.
0
R/W
TIMER1
17
September 02, 2007
96
Preliminary
System Control


유사한 부품 번호 - LM3S8730-IQN20-A2T

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3S8730-IQN20-A2T TI-LM3S8730-IQN20-A2T Datasheet
4Mb / 551P
[Old version datasheet]   Stellaris짰 LM3S8730 Microcontroller
More results

유사한 설명 - LM3S8730-IQN20-A2T

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
LM3S612 ETC2-LM3S612 Datasheet
2Mb / 419P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com