전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3S8730-IQC20-A1 데이터시트(PDF) 20 Page - List of Unclassifed Manufacturers

부품명 LM3S8730-IQC20-A1
상세설명  Microcontroller
Download  502 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

LM3S8730-IQC20-A1 데이터시트(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button LM3S8730-IQC20-A1 Datasheet HTML 16Page - List of Unclassifed Manufacturers LM3S8730-IQC20-A1 Datasheet HTML 17Page - List of Unclassifed Manufacturers LM3S8730-IQC20-A1 Datasheet HTML 18Page - List of Unclassifed Manufacturers LM3S8730-IQC20-A1 Datasheet HTML 19Page - List of Unclassifed Manufacturers LM3S8730-IQC20-A1 Datasheet HTML 20Page - List of Unclassifed Manufacturers LM3S8730-IQC20-A1 Datasheet HTML 21Page - List of Unclassifed Manufacturers LM3S8730-IQC20-A1 Datasheet HTML 22Page - List of Unclassifed Manufacturers LM3S8730-IQC20-A1 Datasheet HTML 23Page - List of Unclassifed Manufacturers LM3S8730-IQC20-A1 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 502 page
background image
1
Architectural Overview
The Luminary Micro Stellaris
® family of microcontrollers—the first ARM® Cortex™-M3 based
controllers—brings high-performance 32-bit computing to cost-sensitive embedded microcontroller
applications. These pioneering parts deliver customers 32-bit performance at a cost equivalent to
legacy 8- and 16-bit devices, all in a package with a small footprint.
The Stellaris
® family offers efficient performance and extensive integration, favorably positioning
the device into cost-conscious applications requiring significant control-processing and connectivity
capabilities. The Stellaris
® LM3S2000 series, designed for Controller Area Network (CAN)
applications, extends the Stellaris family with Bosch CAN networking technology, the golden standard
in short-haul industrial networks. The Stellaris
® LM3S2000 series also marks the first integration of
CAN capabilities with the revolutionary Cortex-M3 core. The Stellaris
® LM3S6000 series combines
both a 10/100 Ethernet Media Access Control (MAC) and Physical (PHY) layer, marking the first
time that integrated connectivity is available with an ARM Cortex-M3 MCU and the only integrated
10/100 Ethernet MAC and PHY available in an ARM architecture MCU.
The LM3S8730 microcontroller is targeted for industrial applications, including remote monitoring,
electronic point-of-sale machines, test and measurement equipment, network appliances and
switches, factory automation, HVAC and building control, gaming equipment, motion control, medical
instrumentation, and fire and security.
For applications requiring extreme conservation of power, the LM3S8730 microcontroller features
a Battery-backed Hibernation module to efficiently power down the LM3S8730 to a low-power state
during extended periods of inactivity. With a power-up/power-down sequencer, a continuous time
counter (RTC), a pair of match registers, an APB interface to the system bus, and dedicated
non-volatile memory, the Hibernation module positions the LM3S8730 microcontroller perfectly for
battery applications.
In addition, the LM3S8730 microcontroller offers the advantages of ARM's widely available
development tools, System-on-Chip (SoC) infrastructure IP applications, and a large user community.
Additionally, the microcontroller uses ARM's Thumb®-compatible Thumb-2 instruction set to reduce
memory requirements and, thereby, cost. Finally, the LM3S8730 microcontroller is code-compatible
to all members of the extensive Stellaris
® family; providing flexibility to fit our customers' precise
needs.
Luminary Micro offers a complete solution to get to market quickly, with evaluation and development
boards, white papers and application notes, an easy-to-use peripheral driver library, and a strong
support, sales, and distributor network.
1.1
Product Features
The LM3S8730 microcontroller includes the following product features:
32-Bit RISC Performance
32-bit ARM® Cortex™-M3 v7M architecture optimized for small-footprint embedded
applications
System timer (SysTick), providing a simple, 24-bit clear-on-write, decrementing, wrap-on-zero
counter with a flexible control mechanism
Thumb®-compatible Thumb-2-only instruction set processor core for high code density
50-MHz operation
September 02, 2007
20
Preliminary
Architectural Overview


유사한 부품 번호 - LM3S8730-IQC20-A1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3S8730-IQC20-A2 TI-LM3S8730-IQC20-A2 Datasheet
4Mb / 551P
[Old version datasheet]   Stellaris짰 LM3S8730 Microcontroller
LM3S8730-IQC20-A2T TI-LM3S8730-IQC20-A2T Datasheet
4Mb / 551P
[Old version datasheet]   Stellaris짰 LM3S8730 Microcontroller
More results

유사한 설명 - LM3S8730-IQC20-A1

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
LM3S612 ETC2-LM3S612 Datasheet
2Mb / 419P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com