전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3S8730-IQC20-A2 데이터시트(PDF) 95 Page - List of Unclassifed Manufacturers

부품명 LM3S8730-IQC20-A2
상세설명  Microcontroller
Download  502 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

LM3S8730-IQC20-A2 데이터시트(HTML) 95 Page - List of Unclassifed Manufacturers

Back Button LM3S8730-IQC20-A2 Datasheet HTML 91Page - List of Unclassifed Manufacturers LM3S8730-IQC20-A2 Datasheet HTML 92Page - List of Unclassifed Manufacturers LM3S8730-IQC20-A2 Datasheet HTML 93Page - List of Unclassifed Manufacturers LM3S8730-IQC20-A2 Datasheet HTML 94Page - List of Unclassifed Manufacturers LM3S8730-IQC20-A2 Datasheet HTML 95Page - List of Unclassifed Manufacturers LM3S8730-IQC20-A2 Datasheet HTML 96Page - List of Unclassifed Manufacturers LM3S8730-IQC20-A2 Datasheet HTML 97Page - List of Unclassifed Manufacturers LM3S8730-IQC20-A2 Datasheet HTML 98Page - List of Unclassifed Manufacturers LM3S8730-IQC20-A2 Datasheet HTML 99Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 502 page
background image
Description
Reset
Type
Name
Bit/Field
Software should not rely on the value of a reserved bit. To provide
compatibility with future products, the value of a reserved bit should be
preserved across a read-modify-write operation.
0
RO
reserved
15:13
I2C0 Clock Gating Control
This bit controls the clock gating for I2C module 0. If set, the unit receives
a clock and functions. Otherwise, the unit is unclocked and disabled. If
the unit is unclocked, reads or writes to the unit will generate a bus fault.
0
R/W
I2C0
12
Software should not rely on the value of a reserved bit. To provide
compatibility with future products, the value of a reserved bit should be
preserved across a read-modify-write operation.
0
RO
reserved
11:5
SSI0 Clock Gating Control
This bit controls the clock gating for SSI module 0. If set, the unit receives
a clock and functions. Otherwise, the unit is unclocked and disabled. If
the unit is unclocked, reads or writes to the unit will generate a bus fault.
0
R/W
SSI0
4
Software should not rely on the value of a reserved bit. To provide
compatibility with future products, the value of a reserved bit should be
preserved across a read-modify-write operation.
0
RO
reserved
3:2
UART1 Clock Gating Control
This bit controls the clock gating for UART module 1. If set, the unit
receives a clock and functions. Otherwise, the unit is unclocked and
disabled. If the unit is unclocked, reads or writes to the unit will generate
a bus fault.
0
R/W
UART1
1
UART0 Clock Gating Control
This bit controls the clock gating for UART module 0. If set, the unit
receives a clock and functions. Otherwise, the unit is unclocked and
disabled. If the unit is unclocked, reads or writes to the unit will generate
a bus fault.
0
R/W
UART0
0
95
September 02, 2007
Preliminary
LM3S8730 Microcontroller


유사한 부품 번호 - LM3S8730-IQC20-A2

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3S8730-IQC20-A2 TI-LM3S8730-IQC20-A2 Datasheet
4Mb / 551P
[Old version datasheet]   Stellaris짰 LM3S8730 Microcontroller
LM3S8730-IQC20-A2T TI-LM3S8730-IQC20-A2T Datasheet
4Mb / 551P
[Old version datasheet]   Stellaris짰 LM3S8730 Microcontroller
More results

유사한 설명 - LM3S8730-IQC20-A2

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
LM3S612 ETC2-LM3S612 Datasheet
2Mb / 419P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com