전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3S8730-IQC20-A2 데이터시트(PDF) 60 Page - List of Unclassifed Manufacturers

부품명 LM3S8730-IQC20-A2
상세설명  Microcontroller
Download  502 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

LM3S8730-IQC20-A2 데이터시트(HTML) 60 Page - List of Unclassifed Manufacturers

Back Button LM3S8730-IQC20-A2 Datasheet HTML 56Page - List of Unclassifed Manufacturers LM3S8730-IQC20-A2 Datasheet HTML 57Page - List of Unclassifed Manufacturers LM3S8730-IQC20-A2 Datasheet HTML 58Page - List of Unclassifed Manufacturers LM3S8730-IQC20-A2 Datasheet HTML 59Page - List of Unclassifed Manufacturers LM3S8730-IQC20-A2 Datasheet HTML 60Page - List of Unclassifed Manufacturers LM3S8730-IQC20-A2 Datasheet HTML 61Page - List of Unclassifed Manufacturers LM3S8730-IQC20-A2 Datasheet HTML 62Page - List of Unclassifed Manufacturers LM3S8730-IQC20-A2 Datasheet HTML 63Page - List of Unclassifed Manufacturers LM3S8730-IQC20-A2 Datasheet HTML 64Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 502 page
background image
code. It can determine that it has been restarted from Hibernate mode by inspecting the
Hibernation module registers.
6.2
Initialization and Configuration
The PLL is configured using direct register writes to the RCC/RCC2 register. If the RCC2 register
is being used, the USERCC2 bit must be set and the appropriate RCC2 bit/field is used. The steps
required to successfully change the PLL-based system clock are:
1.
Bypass the PLL and system clock divider by setting the BYPASS bit and clearing the USESYS
bit in the RCC register. This configures the system to run off a “raw” clock source (using the
main oscillator or internal oscillator) and allows for the new PLL configuration to be validated
before switching the system clock to the PLL.
2.
Select the crystal value (XTAL) and oscillator source (OSCSRC), and clear the PWRDN bit in
RCC/RCC2. Setting the XTAL field automatically pulls valid PLL configuration data for the
appropriate crystal, and clearing the PWRDN bit powers and enables the PLL and its output.
3.
Select the desired system divider (SYSDIV) in RCC/RCC2 and set the USESYS bit in RCC. The
SYSDIV
field determines the system frequency for the microcontroller.
4.
Wait for the PLL to lock by polling the PLLLRIS bit in the Raw Interrupt Status (RIS) register.
5.
Enable use of the PLL by clearing the BYPASS bit in RCC/RCC2.
6.3
Register Map
Table 6-1 on page 60 lists the System Control registers, grouped by function. The offset listed is a
hexadecimal increment to the register’s address, relative to the System Control base address of
0x400F.E000.
Note:
Spaces in the System Control register space that are not used are reserved for future or
internal use by Luminary Micro, Inc. Software should not modify any reserved memory
address.
Table 6-1. System Control Register Map
See
page
Description
Reset
Type
Name
Offset
62
Device Identification 0
-
RO
DID0
0x000
78
Device Identification 1
-
RO
DID1
0x004
80
Device Capabilities 0
0x00FF.003F
RO
DC0
0x008
81
Device Capabilities 1
0x0100.30DF
RO
DC1
0x010
83
Device Capabilities 2
0x000F.1013
RO
DC2
0x014
85
Device Capabilities 3
0x0300.0000
RO
DC3
0x018
86
Device Capabilities 4
0x5100.007F
RO
DC4
0x01C
64
Brown-Out Reset Control
0x0000.7FFD
R/W
PBORCTL
0x030
65
LDO Power Control
0x0000.0000
R/W
LDOPCTL
0x034
106
Software Reset Control 0
0x00000000
R/W
SRCR0
0x040
September 02, 2007
60
Preliminary
System Control


유사한 부품 번호 - LM3S8730-IQC20-A2

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3S8730-IQC20-A2 TI-LM3S8730-IQC20-A2 Datasheet
4Mb / 551P
[Old version datasheet]   Stellaris짰 LM3S8730 Microcontroller
LM3S8730-IQC20-A2T TI-LM3S8730-IQC20-A2T Datasheet
4Mb / 551P
[Old version datasheet]   Stellaris짰 LM3S8730 Microcontroller
More results

유사한 설명 - LM3S8730-IQC20-A2

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
LM3S612 ETC2-LM3S612 Datasheet
2Mb / 419P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com