전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3S8730-IQN20-B0 데이터시트(PDF) 45 Page - List of Unclassifed Manufacturers

부품명 LM3S8730-IQN20-B0
상세설명  Microcontroller
Download  502 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

LM3S8730-IQN20-B0 데이터시트(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button LM3S8730-IQN20-B0 Datasheet HTML 41Page - List of Unclassifed Manufacturers LM3S8730-IQN20-B0 Datasheet HTML 42Page - List of Unclassifed Manufacturers LM3S8730-IQN20-B0 Datasheet HTML 43Page - List of Unclassifed Manufacturers LM3S8730-IQN20-B0 Datasheet HTML 44Page - List of Unclassifed Manufacturers LM3S8730-IQN20-B0 Datasheet HTML 45Page - List of Unclassifed Manufacturers LM3S8730-IQN20-B0 Datasheet HTML 46Page - List of Unclassifed Manufacturers LM3S8730-IQN20-B0 Datasheet HTML 47Page - List of Unclassifed Manufacturers LM3S8730-IQN20-B0 Datasheet HTML 48Page - List of Unclassifed Manufacturers LM3S8730-IQN20-B0 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 502 page
background image
5.2.1
JTAG Interface Pins
The JTAG interface consists of five standard pins: TRST, TCK, TMS, TDI, and TDO. These pins and
their associated reset state are given in Table 5-1 on page 45. Detailed information on each pin
follows.
Table 5-1. JTAG Port Pins Reset State
Drive Value
Drive Strength
Internal Pull-Down
Internal Pull-Up
Data Direction
Pin Name
N/A
N/A
Disabled
Enabled
Input
TRST
N/A
N/A
Disabled
Enabled
Input
TCK
N/A
N/A
Disabled
Enabled
Input
TMS
N/A
N/A
Disabled
Enabled
Input
TDI
High-Z
2-mA driver
Disabled
Enabled
Output
TDO
5.2.1.1
Test Reset Input (TRST)
The TRST pin is an asynchronous active Low input signal for initializing and resetting the JTAG TAP
controller and associated JTAG circuitry. When TRST is asserted, the TAP controller resets to the
Test-Logic-Reset state and remains there while TRST is asserted. When the TAP controller enters
the Test-Logic-Reset state, the JTAG Instruction Register (IR) resets to the default instruction,
IDCODE.
By default, the internal pull-up resistor on the TRST pin is enabled after reset. Changes to the pull-up
resistor settings on GPIO Port B should ensure that the internal pull-up resistor remains enabled
on PB7/TRST; otherwise JTAG communication could be lost.
5.2.1.2
Test Clock Input (TCK)
The TCK pin is the clock for the JTAG module. This clock is provided so the test logic can operate
independently of any other system clocks. In addition, it ensures that multiple JTAG TAP controllers
that are daisy-chained together can synchronously communicate serial test data between
components. During normal operation, TCK is driven by a free-running clock with a nominal 50%
duty cycle. When necessary, TCK can be stopped at 0 or 1 for extended periods of time. While TCK
is stopped at 0 or 1, the state of the TAP controller does not change and data in the JTAG Instruction
and Data Registers is not lost.
By default, the internal pull-up resistor on the TCK pin is enabled after reset. This assures that no
clocking occurs if the pin is not driven from an external source. The internal pull-up and pull-down
resistors can be turned off to save internal power as long as the TCK pin is constantly being driven
by an external source.
5.2.1.3
Test Mode Select (TMS)
The TMS pin selects the next state of the JTAG TAP controller. TMS is sampled on the rising edge
of TCK. Depending on the current TAP state and the sampled value of TMS, the next state is entered.
Because the TMS pin is sampled on the rising edge of TCK, the IEEE Standard 1149.1 expects the
value on TMS to change on the falling edge of TCK.
Holding TMS high for five consecutive TCK cycles drives the TAP controller state machine to the
Test-Logic-Reset state. When the TAP controller enters the Test-Logic-Reset state, the JTAG
Instruction Register (IR) resets to the default instruction, IDCODE. Therefore, this sequence can
be used as a reset mechanism, similar to asserting TRST. The JTAG Test Access Port state machine
can be seen in its entirety in Figure 5-2 on page 47.
45
September 02, 2007
Preliminary
LM3S8730 Microcontroller


유사한 부품 번호 - LM3S8730-IQN20-B0

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3S8730-IQN20-A2 TI-LM3S8730-IQN20-A2 Datasheet
4Mb / 551P
[Old version datasheet]   Stellaris짰 LM3S8730 Microcontroller
LM3S8730-IQN20-A2T TI-LM3S8730-IQN20-A2T Datasheet
4Mb / 551P
[Old version datasheet]   Stellaris짰 LM3S8730 Microcontroller
More results

유사한 설명 - LM3S8730-IQN20-B0

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
LM3S612 ETC2-LM3S612 Datasheet
2Mb / 419P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com