전자부품 데이터시트 검색엔진 |
|
ST25W16 데이터시트(PDF) 6 Page - STMicroelectronics |
|
ST25W16 데이터시트(HTML) 6 Page - STMicroelectronics |
6 / 17 page Symbol Alt Parameter Min Max Unit tCH1CH2 tR Clock Rise Time 1 µs tCL1CL2 tF Clock Fall Time 300 ns tDH1DH2 tR Input Rise Time 1 µs tDL1DL1 tF Input Fall Time 300 ns tCHDX (1) tSU:STA Clock High to Input Transition 4.7 µs tCHCL tHIGH Clock Pulse Width High 4 µs tDLCL tHD:STA Input Low to Clock Low (START) 4 µs tCLDX tHD:DAT Clock Low to Input Transition 0 µs tCLCH tLOW Clock Pulse Width Low 4.7 µs tDXCX tSU:DAT Input Transition to Clock Transition 250 ns tCHDH tSU:STO Clock High to Input High (STOP) 4.7 µs tDHDL tBUF Input High to Input Low (Bus Free) 4.7 µs tCLQV (2) tAA Clock Low to Next Data Out Valid 0.3 3.5 µs tCLQX tDH Data Out Hold Time 300 ns fC fSCL Clock Frequency 100 kHz tW (3) tWR Write Time 10 ms Notes: 1. For a reSTART condition, or following a write cycle. 2. The minimum value delays the falling/rising edge of SDA away from SCL = 1 in order to avoid unwanted START and/or STOP conditions. 3. In the Multibyte Write mode only, if accessed bytes are on two consecutive 8 bytes rows (5 address MSB are not constant) the maximum programming time is doubled to 20ms. Table 7. AC Characteristics (TA = 0 to 70 °C or –40 to 85 °C; VCC = 4.5V to 5.5V or 2.5V to 5.5V) DEVICE OPERATION I 2C Bus Background The ST24/25x16 support the I2C protocol. This protocol defines any device that sends data onto the bus as a transmitter and any device that reads the data as a receiver. The device that controls the data transfer is known as the master and the other as the slave. The master will always initiate a data transfer and will provide the serial clock for syn- chronisation. The ST24/25x16 are always slave devices in all communications. Start Condition. START is identified by a high to low transition of the SDA line while the clock SCL is stable in the high state. A START condition must precede any command for data transfer. Except during a programming cycle, the ST24/25x16 con- tinuously monitor the SDA and SCL signals for a START condition and will not respond unless one is given. AI00825 0.8VCC 0.2VCC 0.7VCC 0.3VCC Figure 4. AC Testing Input Output Waveforms Input Rise and Fall Times ≤ 50ns Input Pulse Voltages 0.2VCC to 0.8VCC Input and Output Timing Ref. Voltages 0.3VCC to 0.7VCC Table 8. AC Measurement Conditions 6/17 ST24/25C16, ST24/25W16 |
유사한 부품 번호 - ST25W16 |
|
유사한 설명 - ST25W16 |