전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

54ACT16952 데이터시트(PDF) 9 Page - Texas Instruments

부품명 54ACT16952
상세설명  16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

54ACT16952 데이터시트(HTML) 9 Page - Texas Instruments

Back Button 54ACT16952_08 Datasheet HTML 4Page - Texas Instruments 54ACT16952_08 Datasheet HTML 5Page - Texas Instruments 54ACT16952_08 Datasheet HTML 6Page - Texas Instruments 54ACT16952_08 Datasheet HTML 7Page - Texas Instruments 54ACT16952_08 Datasheet HTML 8Page - Texas Instruments 54ACT16952_08 Datasheet HTML 9Page - Texas Instruments 54ACT16952_08 Datasheet HTML 10Page - Texas Instruments 54ACT16952_08 Datasheet HTML 11Page - Texas Instruments 54ACT16952_08 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
74ACT16952DL
ACTIVE
SSOP
DL
56
20
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74ACT16952DLG4
ACTIVE
SSOP
DL
56
20
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74ACT16952DLR
ACTIVE
SSOP
DL
56
1000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74ACT16952DLRG4
ACTIVE
SSOP
DL
56
1000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
24-Feb-2006
Addendum-Page 1


유사한 부품 번호 - 54ACT16952_08

제조업체부품명데이터시트상세설명
logo
Texas Instruments
54ACT16952WD TI-54ACT16952WD Datasheet
151Kb / 9P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
REVISED APRIL 1996
More results

유사한 설명 - 54ACT16952_08

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
HD74ALVCH162543 HITACHI-HD74ALVCH162543 Datasheet
58Kb / 12P
   16-bit Registered Transceivers with 3-state Outputs
HD74ALVCH16543 HITACHI-HD74ALVCH16543 Datasheet
57Kb / 13P
   16-bit Registered Transceivers with 3-state Outputs
logo
Texas Instruments
54ACT16543 TI-54ACT16543_07 Datasheet
322Kb / 12P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16543 TI-54ACT16543 Datasheet
179Kb / 10P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16470 TI1-SN54ABT16470_08 Datasheet
338Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
54AC16543 TI1-54AC16543 Datasheet
176Kb / 9P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16470 TI1-54ACT16470 Datasheet
164Kb / 9P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16544 TI-54ACT16544 Datasheet
153Kb / 9P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16952 TI-54ACT16952 Datasheet
151Kb / 9P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
REVISED APRIL 1996
SN54ABT16543 TI-SN54ABT16543 Datasheet
139Kb / 13P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT16470 TI-74ACT16470 Datasheet
149Kb / 9P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com