전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA25A4V 데이터시트(PDF) 1 Page - Topstek Inc.

부품명 TA25A4V
상세설명  Topstek Current Transducer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOPSTEK [Topstek Inc.]
홈페이지  http://www.topstek.com
Logo TOPSTEK - Topstek Inc.

TA25A4V 데이터시트(HTML) 1 Page - Topstek Inc.

  TA25A4V Datasheet HTML 1Page - Topstek Inc. TA25A4V Datasheet HTML 2Page - Topstek Inc. TA25A4V Datasheet HTML 3Page - Topstek Inc. TA25A4V Datasheet HTML 4Page - Topstek Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Topstek Current Transducer TA5A4V .. TA50A4V
- 8 -
www.topstek.com
TA
V080201
7/1/2008
Open Loop Current Transducers
TA 5A~50A
Features
iHighly reliable Hall Effect device
iCompact and light weight
iFast response time
iExcellent linearity of the output voltage over a wide input range
iExcellent frequency response (> 50 kHz)
iLow power consumption (9 mA nominal)
iCapable of measuring both DC and AC, both pulsed and mixed
iHigh isolation voltage between the measuring circuit and the
current-carrying conductor (AC2.5KV)
iExtended operating temperature range
iFlame-Retardant plastic case and silicone encapsulate, using UL
classified materials, ensures protection against environmental
contaminants and vibration over a wide temperature and humidity range
Applications
iUPS systems
iIndustrial robots
iNC tooling machines
iElevator controllers
iProcess control devices
iAC and DC servo systems
iMotor speed controller
iElectrical vehicle controllers
iInverter-controlled welding machines
iGeneral and special purpose inverters
iPower supply for laser processing machines
iController for traction equipment e.g. electric trains
iOther automatic control systems
Specifications
Parameter
Symbol Unit
TA
5A
4V
TA
7.5A
4V
TA
10A
4V
TA
12.5A
4V
TA
15A
4V
TA
18.5A
4V
TA
20A
4V
TA
25A
4V
TA
37.5A
4V
TA
50A
4V
Nominal Input Current
Ifn
A DC
5
7.5
10
12.5
15
18.5
20
25
37.5
50
Linear Range
Ifs
A DC
±15
±23
±30
±38
±45
±56
±60
±75
±112
±150
Diameter of Primary Coil
d
mm
1
1
1.2
1.4
1.4
1.4
1.4
1.6
1.6x2.5 1.6x2.5
Turns of Primary Coil
T
T
5
3
2
2
1
1
1
1
1
1
Ampere-Turn of Primary Coil
AT
AT
25
22.5
20
25
15
18.5
20
25
37.5
50
Nominal Output Voltage
Vhn
V
4 V±1% at If=Ifn ( RL=10k)
Offset Voltage
Vos
mV
Within ±40 mV @ If=0, Ta=25°C
Output Resistance
ROUT
< 100 (50 nominal)
Hysteresis Error
Voh
mV
Within ±15 mV @ If=Ifn
0
Supply Voltage
VCC/VEE
V
±15V ±5%
Linearity ( Within ±Ifn )
%
Within ±1% of Ifn
Consumption Current
ICC
mA
±9 mA nominal
Response Time (90%Vhn)
Tr
Psec
13
Psec max. @ d If /dt = Ifn / Psec
Thermal Drift of Output
-
%/°C
Within ±0.1 %/°C @ Ifn
Thermal Drift of
Zero Current Offset
-
mV/°C
Within ±3 mV/°C @ Ifn
Dielectric Strength
-
V
AC2.5KV X 60 sec
Isolation Resistance
@ 1000 VDC
RIS
M
>1000 M
Operating Temperature
Ta
°C
-15°C to 80°C
Storage Temperature
Ts
°C
-20°C to 85°C
Mass
W
g
14 g


유사한 부품 번호 - TA25A4V

제조업체부품명데이터시트상세설명
logo
TiMOTION Technology Co....
TA25 TIMOTION-TA25 Datasheet
1,022Kb / 7P
   Max. load 1,000N (push / pull)
20220712-E
logo
Bothhand USA, LP.
TA250-06BJ BOTHHAND-TA250-06BJ Datasheet
23Kb / 1P
   10 BASE PULSE TRANSFORMER
TA250-06BK BOTHHAND-TA250-06BK Datasheet
23Kb / 1P
   10 BASE PULSE TRANSFORMER
TA250-TR2 BOTHHAND-TA250-TR2 Datasheet
23Kb / 1P
   10 BASE PULSE TRANSFORMER
logo
TAI-SAW TECHNOLOGY CO.,...
TA2505A TAI-SAW-TA2505A Datasheet
425Kb / 7P
   SAW Filter 521MHz SMD 3.8횞3.8 mm (BW=30MHz)
More results

유사한 설명 - TA25A4V

제조업체부품명데이터시트상세설명
logo
Topstek Inc.
THP5A TOPSTEK-THP5A Datasheet
105Kb / 2P
   Topstek Current Transducer
TGD3A TOPSTEK-TGD3A Datasheet
93Kb / 2P
   Topstek Current Transducer
TQH5A TOPSTEK-TQH5A Datasheet
86Kb / 2P
   Topstek Current Transducer
TQDV25A TOPSTEK-TQDV25A Datasheet
105Kb / 2P
   Topstek Current Transducer
TQE-T5 TOPSTEK-TQE-T5 Datasheet
151Kb / 2P
   Topstek Current Transducer
TMC200A TOPSTEK-TMC200A Datasheet
124Kb / 2P
   Topstek Current Transducer
TMBH100A TOPSTEK-TMBH100A Datasheet
125Kb / 2P
   Topstek Current Transducer
TKP3A TOPSTEK-TKP3A Datasheet
83Kb / 2P
   Topstek Current Transducer
THDD5A TOPSTEK-THDD5A Datasheet
92Kb / 2P
   Topstek Current Transducer
TC5A TOPSTEK-TC5A Datasheet
154Kb / 4P
   Topstek Current Transducer
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com