전자부품 데이터시트 검색엔진 |
|
1N4133 데이터시트(PDF) 3 Page - TAITRON Components Incorporated |
|
1N4133 데이터시트(HTML) 3 Page - TAITRON Components Incorporated |
3 / 5 page Rev. A/DX 2007-05-15 www.taitroncomponents.com Page 3 of 5 500mW Low Noise Zener Diodes 1N4614 – 1N4627/1N4099 – 1N4135 Nominal Zener Voltage VZ @ IZT (Note1) Zener Test Current IZT Maximum Zener Impedance ZZT Maximum Reverse Leakage Current IR @ VR Maximum Noise Density ND @ IZT (Fig.1) Maximum Zener Current IZM (Note2) Maximum TEMP. Coeff. Of Zener Voltage αvz Part Number V μA Ω μA V μV/Sq(HZ) mA %/° C 1N4120 30 250 200 0.01 22.80 40 13 0.095 1N4121 33 250 200 0.01 25.08 40 12 0.095 1N4122 36 250 200 0.01 27.38 40 11 0.095 1N4123 39 250 200 0.01 29.65 40 9.8 0.095 1N4124 43 250 250 0.01 32.65 40 8.9 0.095 1N4125 47 250 250 0.01 35.75 40 8.1 0.095 1N4126 51 250 300 0.01 38.76 40 7.5 0.100 1N4127 56 250 300 0.01 42.60 40 6.7 0.100 1N4128 60 250 400 0.01 45.60 40 6.4 0.100 1N4129 62 250 500 0.01 47.10 40 6.1 0.100 1N4130 68 250 700 0.01 51.68 40 5.6 0.100 1N4131 75 250 700 0.01 57.00 40 5.1 0.100 1N4132 82 250 800 0.01 62.32 40 4.6 0.100 1N4133 87 250 1000 0.01 66.12 40 4.4 0.100 1N4134 91 250 1200 0.01 69.16 40 4.2 0.100 1N4135 100 250 1500 0.01 76.00 40 3.8 0.100 Note 1: The part numbers shown above have a Zener voltage tolerance of ±5% of the nominal Zener voltage. VZ is measured with the device junction in thermal equilibrium at an ambient temperature of 25° C ± 3° C. Note 2: Based upon 400mW maximum power dissipation at 25° C lead temperature, allowance has been made for the higher voltage associated with operation at higher currents. |
유사한 부품 번호 - 1N4133 |
|
유사한 설명 - 1N4133 |