전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA317LS8-XX-AR 데이터시트(PDF) 1 Page - TAITRON Components Incorporated

부품명 LA317LS8-XX-AR
상세설명  100mA Adustable Positive Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAITRON [TAITRON Components Incorporated]
홈페이지  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

LA317LS8-XX-AR 데이터시트(HTML) 1 Page - TAITRON Components Incorporated

  LA317LS8-XX-AR Datasheet HTML 1Page - TAITRON Components Incorporated LA317LS8-XX-AR Datasheet HTML 2Page - TAITRON Components Incorporated LA317LS8-XX-AR Datasheet HTML 3Page - TAITRON Components Incorporated LA317LS8-XX-AR Datasheet HTML 4Page - TAITRON Components Incorporated LA317LS8-XX-AR Datasheet HTML 5Page - TAITRON Components Incorporated LA317LS8-XX-AR Datasheet HTML 6Page - TAITRON Components Incorporated LA317LS8-XX-AR Datasheet HTML 7Page - TAITRON Components Incorporated LA317LS8-XX-AR Datasheet HTML 8Page - TAITRON Components Incorporated LA317LS8-XX-AR Datasheet HTML 9Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev. A/DX 2007-06-04
LA317L
100mA Adjustable Positive
Voltage Regulator
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 9
Tel:
(800)-TAITRON (800)-824-8766 (661)-257-6060
Fax:
(800)-TAITFAX (800)-824-8329
(661)-257-6415
100mA Adustable Positive Voltage Regulator
General Description
• The LA317L is an adjustable 3-terminal positive voltage
regulator capable of supplying 100mA over a 1.2V to 12V
output range. This voltage regulator is exceptionally easy
to use and requires only tow external resistors to set the
output voltage.
• The LA317L is available in standard TO-92 and SOP-8 packages.
Features
Applications
• Adjustable output down to 1.2V
• Guaranteed 100mA output current
• Output short circuit protected
• Line regulation: 0.01%/V
• Load regulation: 0.1%
• Constant current limit over temperature
• Standard 3-lead transistor package
• Input ripple rejection: 70dB
• RoHS Compliance
Ordering Information
TO-92
SOP-8
• High Efficiency Linear Regulators
• Post Regulation for Switching Supplies
• Microprocessor Power Supply
• Mother Board I/O Power Supply


유사한 부품 번호 - LA317LS8-XX-AR

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
LA317 ETC2-LA317 Datasheet
436Kb / 9P
   1.0A Adjustable Positive Voltage Regulator
logo
TAITRON Components Inco...
LA317 TAITRON-LA317 Datasheet
436Kb / 9P
   1.0A Adustable Positive Voltage Regulator
logo
List of Unclassifed Man...
LA317D-XX-AR ETC2-LA317D-XX-AR Datasheet
436Kb / 9P
   1.0A Adjustable Positive Voltage Regulator
logo
TAITRON Components Inco...
LA317D-XX-AR TAITRON-LA317D-XX-AR Datasheet
436Kb / 9P
   1.0A Adustable Positive Voltage Regulator
logo
List of Unclassifed Man...
LA317D-XX-BL ETC2-LA317D-XX-BL Datasheet
436Kb / 9P
   1.0A Adjustable Positive Voltage Regulator
More results

유사한 설명 - LA317LS8-XX-AR

제조업체부품명데이터시트상세설명
logo
TAITRON Components Inco...
LM317 TAITRON-LM317 Datasheet
375Kb / 8P
   Adustable Positive Voltage Regulator
LA317 TAITRON-LA317 Datasheet
436Kb / 9P
   1.0A Adustable Positive Voltage Regulator
logo
BCD Semiconductor Manuf...
AS78L05Z-E1 BCDSEMI-AS78L05Z-E1_09 Datasheet
874Kb / 20P
   100mA POSITIVE VOLTAGE REGULATOR
AS78LXX BCDSEMI-AS78LXX Datasheet
175Kb / 15P
   100mA POSITIVE VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM78L00 GAMMA-GM78L00_12 Datasheet
178Kb / 12P
   100mA POSITIVE VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AS78LXX BCDSEMI-AS78LXX_13 Datasheet
972Kb / 18P
   100mA POSITIVE VOLTAGE REGULATOR
AS78LXX BCDSEMI-AS78LXX_07 Datasheet
202Kb / 16P
   100mA POSITIVE VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE78LXXG ACE-ACE78LXXG Datasheet
657Kb / 10P
   100mA Positive Voltage Regulator
VER1.5
logo
TAITRON Components Inco...
LM78L TAITRON-LM78L Datasheet
589Kb / 14P
   100mA Positive Voltage Regulator
logo
Diodes Incorporated
AS78LXX DIODES-AS78LXX Datasheet
402Kb / 17P
   100mA POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com