전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCE18A 데이터시트(PDF) 3 Page - TAITRON Components Incorporated

부품명 LCE18A
상세설명  1500W Low Capacitance Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAITRON [TAITRON Components Incorporated]
홈페이지  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

LCE18A 데이터시트(HTML) 3 Page - TAITRON Components Incorporated

  LCE18A Datasheet HTML 1Page - TAITRON Components Incorporated LCE18A Datasheet HTML 2Page - TAITRON Components Incorporated LCE18A Datasheet HTML 3Page - TAITRON Components Incorporated LCE18A Datasheet HTML 4Page - TAITRON Components Incorporated LCE18A Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1500W Low Capacitance Transient Voltage Suppressor
Rev. B/AH 2007-09-26
LCE6.5A – LCE90A
www.taitroncomponents.com
Page 3 of 5
Fig.1- Peak Pulse Power Rating Curve
Pulse Width
td
Fig.2- Pulse Derating Curve
Ambient Temperature TA (°C)
Breakdown Voltage
@
IT
P/N
Stand-Off
Voltage
V BR
Max. Clamping
Voltage. @
IPPM
Max.
Peak
Pulse Current
Max. Reverse
Leakage Current
@
V WM
Uni-Polar
V WM (V)
Min.
Max.
IT
(mA)
VC (V)
IPPM (A)
(Note1)
ID (
μA)
(Note1)
LCE48A
48.0
53.3
58.9
77.4
19.4
5.0
LCE51A
51.0
56.7
62.7
82.4
18.2
5.0
LCE54A
54.0
60.0
66.3
87.1
17.2
5.0
LCE58A
58.0
64.4
71.2
93.6
16.0
5.0
LCE60A
60.0
66.7
73.7
96.8
15.5
5.0
LCE64A
64.0
71.1
78.6
1
103
14.6
5.0
Note:
1. Surge current waveform per Fig. 3 and derate per Fig. 2
Typical Characteristics Curves


유사한 부품 번호 - LCE18A

제조업체부품명데이터시트상세설명
logo
EIC discrete Semiconduc...
LCE18A EIC-LCE18A Datasheet
56Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
MERITEK ELECTRONICS COR...
LCE18A MERITEK-LCE18A Datasheet
391Kb / 3P
   Transient Voltage Suppressors
logo
UN Semiconducctor INC
LCE18A UNSEMI-LCE18A Datasheet
3Mb / 6P
   6.5 To 90V 1500W Low Capacitance Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Microsemi Corporation
LCE18A MICROSEMI-LCE18A Datasheet
85Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
Ruilongyuan Electronics...
LCE18A RUILON-LCE18A Datasheet
752Kb / 7P
   Transient Voltage Suppressors
More results

유사한 설명 - LCE18A

제조업체부품명데이터시트상세설명
logo
Digitron Semiconductors
1N6356 DIGITRON-1N6356 Datasheet
223Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
15KE6V8CA DIODES-15KE6V8CA Datasheet
69Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
Comchip Technology
1.5KE COMCHIP-1.5KE Datasheet
131Kb / 6P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8(C)A DIODES-1.5KE6V8(C)A Datasheet
301Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Sirectifier Global Corp...
1N6267 SIRECT-1N6267 Datasheet
226Kb / 6P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
SMCJ LEIDITECH-SMCJ Datasheet
913Kb / 6P
   1500W Transient Voltage Suppressor
1.5KE LEIDITECH-1.5KE Datasheet
886Kb / 5P
   1500W Transient Voltage Suppressor
SMB15J LEIDITECH-SMB15J Datasheet
558Kb / 4P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8A DIODES-1.5KE6V8A_1 Datasheet
72Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 10 - 2
1.5KE6V8A DIODES-1.5KE6V8A Datasheet
89Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com