전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM317MC-XX-TR70 데이터시트(PDF) 1 Page - TAITRON Components Incorporated

부품명 LM317MC-XX-TR70
상세설명  Adustable Positive Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAITRON [TAITRON Components Incorporated]
홈페이지  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

LM317MC-XX-TR70 데이터시트(HTML) 1 Page - TAITRON Components Incorporated

  LM317MC-XX-TR70 Datasheet HTML 1Page - TAITRON Components Incorporated LM317MC-XX-TR70 Datasheet HTML 2Page - TAITRON Components Incorporated LM317MC-XX-TR70 Datasheet HTML 3Page - TAITRON Components Incorporated LM317MC-XX-TR70 Datasheet HTML 4Page - TAITRON Components Incorporated LM317MC-XX-TR70 Datasheet HTML 5Page - TAITRON Components Incorporated LM317MC-XX-TR70 Datasheet HTML 6Page - TAITRON Components Incorporated LM317MC-XX-TR70 Datasheet HTML 7Page - TAITRON Components Incorporated LM317MC-XX-TR70 Datasheet HTML 8Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev. A/DX 2007-06-04
LM317
Adjustable Positive
Voltage Regulator
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 8
Tel:
(800)-TAITRON (800)-824-8766 (661)-257-6060
Fax:
(800)-TAITFAX (800)-824-8329
(661)-257-6415
Adustable Positive Voltage Regulator
General Description
• The LM317 is an adjustable 3-terminal positive voltage
regulator, designed to supply 1A of output current with
. voltage adjustable from 1.3V ~ 37V.
• The LM317 is available in SOT-223, D-PACK, TO-220
and D2-PACK packages.
Features
Applications
• Output Voltage adjustable from 1.3V ~ 37V
• Output current in excess of 1A
• Internal short circuit protection
• Internal over temperature protection
• Output transistors safe area compensation
• RoHS Compliance
Ordering Information
SOT-223
D-PACK
(TO-252)
• PC Motherboard
• LCD Monitor
• Graphic Card
• DVD Player
• Network Interface Card/Switch
• Telecom Equipment
• Printer and other Peripheral Equipment
TO-220
D2-PACK
(TO-263)


유사한 부품 번호 - LM317MC-XX-TR70

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LM317M ONSEMI-LM317M Datasheet
232Kb / 16P
   Three-Terminal Adjustable Output Positive Voltage Regulator
August, 2004 ??Rev. 12
logo
Unisonic Technologies
LM317M UTC-LM317M Datasheet
254Kb / 5P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
STMicroelectronics
LM317M STMICROELECTRONICS-LM317M Datasheet
115Kb / 11P
   MEDIUM CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
September 1997
logo
E-Tech Electronics LTD
LM317M ETL-LM317M Datasheet
254Kb / 5P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
More results

유사한 설명 - LM317MC-XX-TR70

제조업체부품명데이터시트상세설명
logo
TAITRON Components Inco...
LA317 TAITRON-LA317 Datasheet
436Kb / 9P
   1.0A Adustable Positive Voltage Regulator
LA317L TAITRON-LA317L Datasheet
342Kb / 9P
   100mA Adustable Positive Voltage Regulator
logo
Rohm
BA00CC0WCP-V5 ROHM-BA00CC0WCP-V5 Datasheet
362Kb / 6P
   1A Low Dropout Voltage Regulator with Shut Down Switch(Adustable Voltage)
logo
SeCoS Halbleitertechnol...
SE78XX SECOS-SE78XX_15 Datasheet
422Kb / 5P
   Positive Voltage Regulator
SU78XX-B SECOS-SU78XX-B_15 Datasheet
534Kb / 4P
   Positive Voltage Regulator
SJ78M09 SECOS-SJ78M09_15 Datasheet
85Kb / 2P
   Positive Voltage Regulator
SSC2146 SECOS-SSC2146 Datasheet
979Kb / 5P
   Positive Voltage Regulator
SL2136 SECOS-SL2136 Datasheet
614Kb / 4P
   Positive Voltage Regulator
logo
Weitron Technology
WT78LXX WEITRON-WT78LXX Datasheet
1Mb / 10P
   Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_18 Datasheet
409Kb / 15P
   POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com