전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMAJ48CA 데이터시트(PDF) 1 Page - TAITRON Components Incorporated

부품명 SMAJ48CA
상세설명  400W Surface Mount Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAITRON [TAITRON Components Incorporated]
홈페이지  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

SMAJ48CA 데이터시트(HTML) 1 Page - TAITRON Components Incorporated

  SMAJ48CA Datasheet HTML 1Page - TAITRON Components Incorporated SMAJ48CA Datasheet HTML 2Page - TAITRON Components Incorporated SMAJ48CA Datasheet HTML 3Page - TAITRON Components Incorporated SMAJ48CA Datasheet HTML 4Page - TAITRON Components Incorporated SMAJ48CA Datasheet HTML 5Page - TAITRON Components Incorporated SMAJ48CA Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev. D/AH 2007-08-01
SURFACE MOUNT TRANSIENT
VOLTAGE SUPPRESSOR
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 6
Tel: (800)-247-2232
(800)-TAITRON
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
SMAJ5.0A~170CA
400W Surface Mount Transient Voltage Suppressor
Features
Stand-off voltage from 5.0 to 170 volts
400W Peak Pulse Power capability on 10/1000 µs waveform
repetition rate(duty cycle): 0.01%
Ideal for ESD protection of data lines in accordance with
IEC 1000-4-2 (IEC801-2)
Ideal for EFT protection of data lines in accordance with
IEC 1000-4-4 (IEC801-4)
Fast response time: typically less than 1.0ps from 0v to VBR
Low incremental surge resistance, excellent clamping capability
Typical IR less than 1 uA above 10V
High temperature soldering guaranteed:
250°C/10 seconds at terminals
This series is UL recognized under component index. File number E315008
RoHS Compliant
Maximum Ratings (T Ambient=25ºC unless noted otherwise)
Symbol
Description
Value
Unit
Conditions
V WM
Stand-Off Voltage
5.0 to 170
V
PPPM
Peak Pulse Power Dissipation
on 10/1000 us waveform
Minimum 400
W
Non-repetitive current pulse
IPPM
Peak Pulse current
on 10/1000 us waveform
See Table
A
Non-repetitive current pulse
PM(AV)
Steady State Power Dissipation
1.0
W
At TL(Lead Temperature)=75°C (Note 1)
IFSM
Peak Forward Surge Current
40.0
A
8.3ms single half sine-wave superimposed
on rated load (uni-direction only), TL=75°C
V F
Maximum Instantaneous
Forward Voltage
3.5
V
8.3ms single half sine-wave
(uni-direction only), TL=75°C
TJ,TSTG
Operating Junction and Storage
Temperature Range
-55 to 150
° C
Note:
(1) Mounted on copper pad area of 0.2" x 0.2" (5.0mmx5.0mm).
SMA


유사한 부품 번호 - SMAJ48CA

제조업체부품명데이터시트상세설명
logo
Zowie Technology Corpor...
SMAJ48CA ZOWIE-SMAJ48CA Datasheet
79Kb / 3P
   GLASS PASSIVATED SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Bytes
SMAJ48CA BYTES-SMAJ48CA Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Littelfuse
SMAJ48CA LITTELFUSE-SMAJ48CA Datasheet
141Kb / 5P
   Transient Voltage Suppression Diodes
logo
Zibo Seno Electronic En...
SMAJ48CA ZSELEC-SMAJ48CA Datasheet
298Kb / 5P
   5.0 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Diodes Incorporated
SMAJ48CA DIODES-SMAJ48CA Datasheet
146Kb / 5P
   400W Peak Pulse Power Dissipation
More results

유사한 설명 - SMAJ48CA

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
SMAJ18A-13 DIODES-SMAJ18A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ10A-13 DIODES-SMAJ10A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4SMAJ5.0ADF DIODES-P4SMAJ5.0ADF Datasheet
426Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ50CA DIODES-SMAJ50CA_1 Datasheet
81Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 13 - 2
logo
Won-Top Electronics
P4SMAJ WTE-P4SMAJ_06 Datasheet
81Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
SMAJ5 TAITRON-SMAJ5 Datasheet
160Kb / 6P
   400W Surface Mount Transient Voltage Suppressor
logo
Frontier Electronics.
P4SMAJ5.0 FRONTIER-P4SMAJ5.0 Datasheet
135Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SM2615 DIODES-SM2615 Datasheet
146Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P4SMAJ180 WTE-P4SMAJ180 Datasheet
69Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
PSMAJ400A DIODES-PSMAJ400A Datasheet
114Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev. 3 - 2 November 2012
SMAJ8.5CA DIODES-SMAJ8.5CA Datasheet
79Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 10 - 2
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com