전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES5115B-12800M 데이터시트(PDF) 1 Page - Ecliptek Corporation

부품명 ES5115B-12800M
상세설명  4.5mmHEIGHT THRU-HOLE SINEWAVE TCXO
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ECLIPTEK [Ecliptek Corporation]
홈페이지  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

ES5115B-12800M 데이터시트(HTML) 1 Page - Ecliptek Corporation

  ES5115B-12800M Datasheet HTML 1Page - Ecliptek Corporation ES5115B-12800M Datasheet HTML 2Page - Ecliptek Corporation ES5115B-12800M Datasheet HTML 3Page - Ecliptek Corporation ES5115B-12800M Datasheet HTML 4Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3545 CADILLAC AVENUE
• COSTA MESA, CA 92626-1401 • (714) 433-1200 • Fax (714) 433-1234
Marketing Bulletin
DATE:
January 5, 2004
TO:
Affected Customers
FROM:
Mark Stoner
RE:
Product Termination
To all concerned parties,
This bulletin is to notify all customers of the termination of the following Ecliptek series
effective November 11
th, 2003:
Series
Description
Recommended Replacement
EC51
5V 14 Pin DIP TCXO, HCMOS
EB51F3
ES51
5V 14 Pin DIP TCXO, Sinewave
ES51F3
EC53
3.3V 14 Pin DIP TCXO, HCMOS
EB52F3
In compliance with our End of Life (EOL) policy, this will serve as advanced notice of
product termination. New orders will not be accepted after February 1
st, 2004, with
deliveries to conclude by July 1
st 2004.
If there are any questions pertaining to this bulletin, please fell free to contact me.
Thank you for your cooperation.
Best Regards,
Mark W. Stoner
Director of Marketing
Ecliptek Corporation


유사한 부품 번호 - ES5115B-12800M

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ES5116 ETC-ES5116 Datasheet
269Kb / 10P
   3 1/2 DVM with hold and low battery indication
logo
Cyrustek corporation
ES5116 CYRUSTEK-ES5116 Datasheet
273Kb / 10P
   hold and low battery indication
ES5117 CYRUSTEK-ES5117 Datasheet
639Kb / 10P
   3 1/2 DVM with LED Display and Hold
ES5117Q CYRUSTEK-ES5117Q Datasheet
639Kb / 10P
   3 1/2 DVM with LED Display and Hold
More results

유사한 설명 - ES5115B-12800M

제조업체부품명데이터시트상세설명
logo
AiT Semiconductor Inc.
KTD AITSEMI-KTD Datasheet
233Kb / 1P
   THRU-HOLE TCXO
logo
Fox Electronics
FOX781 FOX-FOX781 Datasheet
171Kb / 1P
   5.0V THRU-HOLE TCXO/VCTCXO
FOX782 FOX-FOX782 Datasheet
85Kb / 1P
   5.0V THRU-HOLE TCXO/VCTCXO
logo
Caliber Electronics Inc...
TA1S CALIBER-TA1S Datasheet
75Kb / 1P
   SineWave (VC) TCXO Oscillator
logo
List of Unclassifed Man...
TB1S320CV ETC2-TB1S320CV Datasheet
70Kb / 1P
   SineWave (VC) TCXO Oscillator
logo
Pericom Semiconductor C...
JT255 PERICOM-JT255 Datasheet
861Kb / 2P
   1.8V ~ 3.3VDC Clipped Sinewave TCXO
JT325 PERICOM-JT325 Datasheet
883Kb / 2P
   1.8V ~ 3.3VDC Clipped Sinewave TCXO
logo
List of Unclassifed Man...
STE325DS5 ETC2-STE325DS5 Datasheet
40Kb / 1P
   6 Pad Clipped Sinewave TCXO Oscillator
logo
Caliber Electronics Inc...
STE315AT5 CALIBER-STE315AT5 Datasheet
45Kb / 1P
   6 Pad Clipped Sinewave TCXO Oscillator
logo
Golledge Electronics Lt...
GTXO-S14T GOLLEDGE-GTXO-S14T Datasheet
547Kb / 4P
   3.3 & 5V Stratum 3 Sinewave TCXO
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com